Electronic Components Datasheet Search
  English  ▼

X  

ADV7310KST Datasheet(PDF) 58 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 58 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 54Page - Analog Devices ADV7310KST Datasheet HTML 55Page - Analog Devices ADV7310KST Datasheet HTML 56Page - Analog Devices ADV7310KST Datasheet HTML 57Page - Analog Devices ADV7310KST Datasheet HTML 58Page - Analog Devices ADV7310KST Datasheet HTML 59Page - Analog Devices ADV7310KST Datasheet HTML 60Page - Analog Devices ADV7310KST Datasheet HTML 61Page - Analog Devices ADV7310KST Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
REV. A
–58–
ADV7310/ADV7311
5k
VDD_IO
5k
VDD_IO
COMP1, 2
45
VAA
41
VDD VDD_IO
1
ADV7310/
ADV7311
I2C
19
S_HSYNC
50
S_VSYNC
49
S_BLANK
48
P_HSYNC
23
CLKIN_B
63
P_VSYNC
24
P_BLANK
25
RESET
33
CLKIN_A
32
EXT_LF
34
UNUSED
INPUTS
SHOULD BE
GROUNDED
C0–C9
S0–S9
Y0–Y9
VAA
4.7 F
+
4.7k
820pF
3.9nF
VAA
GND_ IO
64
AGND
40
DGND
11, 57
I2C BUS
10nF
0.1 F
10nF
0.1 F
10, 56
VDD_IO
VDD
10nF
1 F
VAA
+
VAA
0.1 F
POWER SUPPLY DECOUPLING
FOR EACH POWER SUPPLY GROUP
36
VAA
0.1 F
DAC D 39
300
DAC E 38
300
DAC F 37
300
DAC A 44
300
DAC B 43
300
DAC C 42
300
VREF 46
100nF
1.1k
VAA
RECOMMENDED EXTERNAL
AD1580 FOR OPTIMUM
PERFORMANCE
5k
VDD_IO
SCLK 22
100
680
SDA 21
ALSB 20
RSET1
RSET2
47
100
3040
SELECTION HERE
DETERMINES
DEVICE ADDRESS
35
3040
5k
VDD_IO
Figure 61. ADV7310/ADV7311 Circuit Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com