Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 48Page - Cirrus Logic CS42526 Datasheet HTML 49Page - Cirrus Logic CS42526 Datasheet HTML 50Page - Cirrus Logic CS42526 Datasheet HTML 51Page - Cirrus Logic CS42526 Datasheet HTML 52Page - Cirrus Logic CS42526 Datasheet HTML 53Page - Cirrus Logic CS42526 Datasheet HTML 54Page - Cirrus Logic CS42526 Datasheet HTML 55Page - Cirrus Logic CS42526 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
CS42526
52
DS585PP5
6.6.5
HIGH PASS FILTER FREEZE (HPF_FREEZE)
Default = 0
Function:
When this bit is set, the internal high-pass filter for the selected channel will be disabled.The current
DC offset value will be frozen and continue to be subtracted from the conversion result. See “A/D Dig-
ital Filter Characteristics” on page 9.
6.6.6
CODEC SERIAL PORT MASTER/SLAVE SELECT (CODEC_SP M/S)
Default = 0
Function:
In Master mode, CX_SCLK and CX_LRCK are outputs. Internal dividers will divide the master clock
to generate the serial clock and left/right clock. In Slave mode, CX_SCLK and CX_LRCK become in-
puts. If the internal MCLK is sourced from the output of the PLL and the SAI serial port is in Master
Mode, then one of these conditions must be met for proper operation:
1). The codec serial port, CX_SP, must also be in Master Mode,
2). If the CX_SP is in slave mode, then CX_LRCK and CX_SCLK must be present.
6.6.7
SERIAL AUDIO INTERFACE SERIAL PORT MASTER/SLAVE SELECT (SAI_SP M/S)
Default = 0
Function:
In Master mode, SAI_SCLK and SAI_LRCK are outputs. Internal dividers will divide the master clock
to generate the serial clock and left/right clock. In Slave mode, SAI_SCLK and SAI_LRCK become
inputs. If the internal MCLK is sourced from the output of the PLL and the SAI serial port is in Master
Mode, then one of these conditions must be met for proper operation:
1). The codec serial port, CX_SP, must also be in Master Mode,
2). If the CX_SP is in slave mode, then CX_LRCK and CX_SCLK must be present.
6.7
Clock Control (address 06h)
6.7.1
RMCK DIVIDE (RMCK_DIVX)
Default = 00
Function:
Divides/multiplies the internal MCLK, either from the PLL or OMCK, by the selected factor.
7
654
32
10
RMCK_DIV1
RMCK_DIV0
OMCK Freq1
OMCK Freq0
PLL_LRCK
SW_CTRL1
SW_CTRL0
FRC_PLL_LK
RMCK_DIV1 RMCK_DIV0
Description
00
Divide by 1
01
Divide by 2
10
Divide by 4
11
Multiply by 2
Table 10. RMCK Divider Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com