Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 23Page - Cirrus Logic CS42526 Datasheet HTML 24Page - Cirrus Logic CS42526 Datasheet HTML 25Page - Cirrus Logic CS42526 Datasheet HTML 26Page - Cirrus Logic CS42526 Datasheet HTML 27Page - Cirrus Logic CS42526 Datasheet HTML 28Page - Cirrus Logic CS42526 Datasheet HTML 29Page - Cirrus Logic CS42526 Datasheet HTML 30Page - Cirrus Logic CS42526 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
DS585PP5
27
CS42526
4.6
Digital Interfaces
4.6.1
Serial Audio Interface Signals
The CS42526 interfaces to an external Digital Audio Processor via two independent serial ports, the
CODEC serial port, CODEC_SP and the Serial Audio Interface serial port, SAI_SP. The digital output of
the internal ADCs can be configured to use either the CX_SDOUT pin or the SAI_SDOUT pin and the
corresponding serial port clocking signals. These configuration bits and the selection of Single, Double or
Quad-Speed mode for CODEC_SP and SAI_SP are found in register “Functional Mode (address 03h)”
on page 48.
The serial interface clocks, SAI_SCLK for SAI_SP and CX_SCLK for CODEC_SP, are used for transmit-
ting and receiving audio data. Either SAI_SCLK or CX_SCLK can be generated by the CS42526 (master
mode) or it can be input from an external source (slave mode). Master or Slave mode selection is made
using bits CODEC_SP M/S and SAI_SP M/S in register “Misc Control (address 05h)” on page 51.
The Left/Right clock (SAI_LRCK or CX_LRCK) is used to indicate left and right data frames and the start
of a new sample period. It may be an output of the CS42526 (master mode), or it may be generated by
an external source (slave mode). As described in later sections, particular modes of operation do allow
the sample rate, Fs, of the SAI_SP and the CODEC_SP to be different, but must be multiples of each
other.
The serial data interface format selection (left/right justified, I2S or one line mode) for the Serial Audio In-
terface serial port data out pin, SAI_SDOUT, the CODEC serial port data out pin, CX_SDOUT, and the
CODEC input pins, CX_SDIN1:3, is configured using the appropriate bits in the register “Interface For-
mats (address 04h)” on page 49. The serial audio data is presented in 2's complement binary form with
the MSB first in all formats.
CX_SDIN1, CX_SDIN2, and CX_SDIN3 are the serial data input pins supplying the associated internal
DAC. CX_SDOUT, the ADC data output pin, carries data from the two internal 24-bit ADCs and, when
configured for one-line mode, up to four additional ADC channels attached externally to the signals
ADCIN1 and ADCIN2 (typically two CS5361 stereo ADCs). When operated in One Line Mode, 6 channels
of DAC data are input on CX_SDIN1 and 6 channels of ADC data are output on CX_SDOUT. Table 4
outlines the serial port channel allocations.
SCLK/LRCK Ratio
32x, 48x, 64x, 128x
32x, 48x, 64x
32x, 48x, 64x
128x
Serial Inputs / Outputs
CX_SDIN1
left channel
right channel
one line mode
DAC #1
DAC #2
DAC channels 1,2,3,4,5,6
CX_SDIN2
left channel
right channel
one line mode
DAC #3
DAC #4
not used
CX_SDIN3
left channel
right channel
one line mode
DAC #5
DAC #6
not used
Table 4. Serial Audio Port Channel Allocations
Single Speed
Double Speed
Quad Speed
One Line Mode #1
Table 3. Slave Mode Clock Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com