Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 49Page - Cirrus Logic CS42526 Datasheet HTML 50Page - Cirrus Logic CS42526 Datasheet HTML 51Page - Cirrus Logic CS42526 Datasheet HTML 52Page - Cirrus Logic CS42526 Datasheet HTML 53Page - Cirrus Logic CS42526 Datasheet HTML 54Page - Cirrus Logic CS42526 Datasheet HTML 55Page - Cirrus Logic CS42526 Datasheet HTML 56Page - Cirrus Logic CS42526 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
DS585PP5
53
CS42526
6.7.2
OMCK FREQUENCY (OMCK FREQX)
Default = 00
Function:
Sets the appropriate frequency for the supplied OMCK.
6.7.3
PLL LOCK TO LRCK (PLL_LRCK)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, the internal PLL of the CS42526 will lock to the SAI_LRCK of the SAI serial port.
6.7.4
MASTER CLOCK SOURCE SELECT (SW_CTRLX)
Default = 00
Function:
These two bits, along with the UNLOCK bit in register “Interrupt Status (address 20h) (Read Only)”
on page 63, determine the master clock source for the CS42526. When SW_CTRL1 and SW_CTRL0
are set to '00'b, selecting the output of the PLL as the internal clock source, and the PLL becomes
unlocked, then RMCK will equal OMCK, but all internal and serial port timings are not valid.
When the FRC_PLL_LK bit is set to ‘1’b, the SW_CTRLX bits must be set to ‘00’b. If the PLL becomes
unlocked when the FRC_PLL_LK bit is set to ‘1’b, then RMCK will not equal OMCK.
6.7.5
FORCE PLL LOCK (FRC_PLL_LK)
Default = 0
Function:
This bit is used to enable the PLL to lock to the S/PDIF input stream or the SAI_LRCK with the ab-
sence of a clock signal on OMCK.When set to a ‘1’b, the auto-detect sample frequency feature will
be disabled and the SW_CTRLX bits must be set to ‘00’b. The OMCK/PLL_CLK Ratio (address 07h)
(Read Only) register contents are not valid and the PLL_CLK[2:0] bits will be set to ‘111’b. Use the
DE-EMPH[1:0] bits to properly apply de-emphasis filtering.
OMCK Freq1 OMCK Freq0 Description
00
11.2896 MHz or 12.2880 MHz
01
16.9344 MHz or 18.4320 MHz
10
22.5792 MHz or 24.5760 MHz
11
Reserved
Table 11. OMCK Frequency Settings
SW_CTRL1 SW_CTRL0
UNLOCK
Description
00
X
Manual setting, MCLK sourced from PLL.
01
X
Manual setting, MCLK sourced from OMCK.
10
0
1
Hold, keep same MCLK source.
Auto switch, MCLK sourced from OMCK.
11
0
1
Auto switch, MCLK sourced from PLL.
Auto switch, MCLK sourced from OMCK.
Table 12. Master Clock Source Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com