Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 41Page - Cirrus Logic CS42526 Datasheet HTML 42Page - Cirrus Logic CS42526 Datasheet HTML 43Page - Cirrus Logic CS42526 Datasheet HTML 44Page - Cirrus Logic CS42526 Datasheet HTML 45Page - Cirrus Logic CS42526 Datasheet HTML 46Page - Cirrus Logic CS42526 Datasheet HTML 47Page - Cirrus Logic CS42526 Datasheet HTML 48Page - Cirrus Logic CS42526 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
DS585PP5
45
CS42526
2Bh
RXP5/GPO
5
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
00
0
0
0
0
0
0
2Ch
RXP4/GPO
4
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
00
0
0
0
0
0
0
2Dh
RXP3/GPO
3
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
00
0
0
0
0
0
0
2Eh
RXP2/GPO
2
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
00
0
0
0
0
0
0
2Fh
RXP1/GPO
1
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
00
0
0
0
0
0
0
30h
Q Subcode
Address3
Address2
Address1
Address0
Control3
Control2
Control1
Control0
page 71
default
XX
X
X
X
X
X
X
31h
Q Subcode
Track7
Track6
Track5
Track4
Track3
Track2
Track1
Track0
page 71
default
XX
X
X
X
X
X
X
32h
Q Subcode
Index7
Index6
Index5
Index4
Index3
Index2
Index1
Index0
page 71
default
XX
X
X
X
X
X
X
33h
Q Subcode
Minute7
Minute6
Minute5
Minute4
Minute3
Minute2
Minute1
Minute0
page 71
default
XX
X
X
X
X
X
X
34h
Q Subcode
Second7
Second6
Second5
Second4
Second3
Second2
Second1
Second0
page 71
default
XX
X
X
X
X
X
X
35h
Q Subcode
Frame7
Frame6
Frame5
Frame4
Frame3
Frame2
Frame1
Frame0
page 71
default
XX
X
X
X
X
X
X
36h
Q Subcode
Zero7
Zero6
Zero5
Zero4
Zero3
Zero2
Zero1
Zero0
page 71
default
XX
X
X
X
X
X
X
37h
Q Subcode
A.Minute7
A.Minute6
A.Minute5
A.Minute4
A.Minute3
A.Minute2
A.Minute1
A.Minute0
page 71
default
XX
X
X
X
X
X
X
38h
Q Subcode
A.Second7
A.Second6
A.Second5
A.Second4
A.Second3
A.Second2
A.Second1
A.Second0
page 71
default
XX
X
X
X
X
X
X
39h
Q Subcode
A.Frame7
A.Frame6
A.Frame5
A.Frame4
A.Frame3
A.Frame2
A.Frame1
A.Frame0
page 71
default
XX
X
X
X
X
X
X
3Ah - C or U Data
Buffer
CU Buffer7
CU Buffer6
CU Buffer5
CU Buffer4
CU Buffer3
CU Buffer2
CU Buffer1
CU Buffer0
51h
page 71
default
XX
X
X
X
X
X
X
Addr Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com