Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 16Page - Cirrus Logic CS42526 Datasheet HTML 17Page - Cirrus Logic CS42526 Datasheet HTML 18Page - Cirrus Logic CS42526 Datasheet HTML 19Page - Cirrus Logic CS42526 Datasheet HTML 20Page - Cirrus Logic CS42526 Datasheet HTML 21Page - Cirrus Logic CS42526 Datasheet HTML 22Page - Cirrus Logic CS42526 Datasheet HTML 23Page - Cirrus Logic CS42526 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
CS42526
20
DS585PP5
3. TYPICAL CONNECTION DIAGRAM
VD
AO UT A1 +
24
0.1 µ F
+
10 µ F
10 0 µ F
0.1 µ F
+
+
17
18
VQ
FIL T+
36
37
0.1 µF
4.7 µ F
VA
+
10 µ F
51
AO UT A1 -
AO UT B1 +
35
34
AO UT B1 -
AO UT A2 +
32
33
AO UT A2 -
AO UT B2 +
31
30
AO UT B2 -
AO UT A3 +
28
29
AO UT A3 -
AO UT B3 +
27
26
AO UT B3 -
MU T E C
38
25
DG ND DG ND
5
RE F G ND
19
41
4
VA
VD
0.1 µ F
AG ND
AG ND
52
40
LP F LT
39
AIN L +
AIN L -
AINR +
AINR-
15
16
14
13
C o nnec t D G N D an d A G N D a t s ingle po int ne ar C od ec
0.01 µ F
0.1 µ F
+
10 µ F
+5 V
0.01 µ F
0.01 µ F
+3 .3 V to +5 V
+
10 µ F
0.1 µ F
0.01 µ F
VL S
0.1 µ F
+2.5 V
to + 5 V
53
VL C
0.1 µ F
+1.8 V
to + 5 V
6
3
60
59
1
64
61
2
63
8
7
SCL /CCL K
SDA/CD O U T
AD1 /CD IN
RS T
12
9
OM C K
CX_ S DIN1
SAI_ L R C K
SAI_ S CL K
CX_ S D IN3
CX_ S DIN 2
C X _ L RCK
CX_ S CL K
AD0 /CS
10
IN T
11
D igital A udio
P roces sor
Mic ro -
C ontroller
55
RM CK
58
ADC IN1
57
ADC IN2
C S 53 61
A /D C onverte r
C S 5361
A /D C onverte r
56
CX_ S DO UT
54
SAI_ S DO U T
48
46
49
44
45
47
R XP0
R XP1 /G PO 1
S/P D IF
In te rfa c e
50
TX P
Driv e r
Up to 8
S ources
43
R XP2 /G PO 2
R XP3 /G PO 3
R XP4 /G PO 4
R XP5 /G PO 5
R XP6 /G PO 6
R XP7 /G PO 7
42
OS C
A nalog O u tput B uffer 2
an d
M ute C irc uit (optio nal)
Mu te
Driv e
(optional)
2700 pF *
2700 pF *
Le ft A nalog Input
R ight A nalog Input
A nalog
In put
Bu ffe r 1
A nalog
In put
Bu ffe r 1
+V A
*
* P ull up o r do w n as
re quire d on s tartu p if the
M u te C o n tro l is u s e d .
*
A nalog O utput B uffer 2
and
M ute C irc uit (optional)
A nalog O utput B uffer 2
and
M ute C irc uit (optional)
A nalog O utput B uffer 2
and
M ute C irc uit (optional)
A n alog O utput B uffer 2
and
M ute C irc uit (optional)
A nalog O utput B uffer 2
and
M ute C irc uit (optional)
2 k
Ω
2 k
Ω
**
**
CF IL T 3
RF IL T 3
CR IP 3
* * R es is tors are requ ired for
I2 C c ontrol po rt o pera tion
1 . S e e the A D C Inpu t F ilte r s ec tion in the A pp endix .
2 . S e e the D A C O utp ut F ilte r s ec tion in the A p pendix .
3 . S e e the P LL F ilter s ec tion in the A ppe ndix .
62
T EST
Figure 5. Typical Connection Diagram
CS42526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com