Electronic Components Datasheet Search
  English  ▼

X  

CS42526 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 51Page - Cirrus Logic CS42526 Datasheet HTML 52Page - Cirrus Logic CS42526 Datasheet HTML 53Page - Cirrus Logic CS42526 Datasheet HTML 54Page - Cirrus Logic CS42526 Datasheet HTML 55Page - Cirrus Logic CS42526 Datasheet HTML 56Page - Cirrus Logic CS42526 Datasheet HTML 57Page - Cirrus Logic CS42526 Datasheet HTML 58Page - Cirrus Logic CS42526 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
DS585PP5
55
CS42526
6.9.3
SYSTEM CLOCK SELECTION (ACTIVE_CLK)
Default = x
0 - Output of PLL
1 - OMCK
Function:
This bit identifies the source of the internal system clock (MCLK).
6.9.4
RECEIVER CLOCK FREQUENCY (RCVR_CLKX)
Default = xxx
Function:
The CS42526 will auto-detect the ratio between the OMCK and the recovered clock from the PLL,
which is displayed in register 07h. Based on this ratio, the absolute frequency of the PLL clock can
be determined, and this information is displayed according to the following table. If the absolute fre-
quency of the PLL clock does not match one of the given frequencies, this register will display the
closest available value.
NOTE: These bits are set to ‘111’b when the FRC_PLL_LK bit is ‘1’b.
6.10
Burst Preamble PC and PD Bytes (addresses 09h - 0Ch)(Read Only)
6.10.1 BURST PREAMBLE BITS (PCX & PDX)
Default = xxh
Function:
The PC and PD burst preamble bytes are loaded into these four registers.
RCVR_CLK2 RCVR_CLK1 RCVR_CLK0
Description
00
0
8.1920 MHz
00
1
11.2896 MHz
01
0
12.288 MHz
01
1
16.3840 MHz
10
0
22.5792 MHz
10
1
24.5760 MHz
11
0
45.1584 MHz
11
1
49.1520 MHz
Table 14. Receiver Clock Frequency Detection
7
654
32
10
PCx-7
PCx-6
PCx-5
PCx-4
PCx-3
PCx-2
PCx-1
PCx-0
PDx-7
PDx-6
PDx-5
PDx-4
PDx-3
PDx-2
PDx-1
PDx-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com