Electronic Components Datasheet Search
  English  ▼

X  

MSM548262-80JS Datasheet(PDF) 29 Page - OKI electronic componets

Part # MSM548262-80JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-80JS Datasheet(HTML) 29 Page - OKI electronic componets

Back Button MSM548262-80JS Datasheet HTML 25Page - OKI electronic componets MSM548262-80JS Datasheet HTML 26Page - OKI electronic componets MSM548262-80JS Datasheet HTML 27Page - OKI electronic componets MSM548262-80JS Datasheet HTML 28Page - OKI electronic componets MSM548262-80JS Datasheet HTML 29Page - OKI electronic componets MSM548262-80JS Datasheet HTML 30Page - OKI electronic componets MSM548262-80JS Datasheet HTML 31Page - OKI electronic componets MSM548262-80JS Datasheet HTML 32Page - OKI electronic componets MSM548262-80JS Datasheet HTML 33Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
¡ Semiconductor
MSM548262
29/37
OPERATION MODES
Table-1 shows the function truth table for a listing of all available RAM ports, and transfer
operation of MSM548262.
The RAM port and data transfer operations are determined by the state of CAS, TRG, WE and
DSF at the falling edge of RAS, and by the level of DSF at the falling edge of CAS.
Table-1. Function Truth Table
RASØ
Code
Address
CAS TRG WE DSF DSF
RASØ
CAS
Write
Mask
Color
Register
0***
—
****
—
—
CBR
CASØ
/
WEØ
RASØ
W/IO
CASØ
Function
CBR Refresh
11*0
—
Row
—
*
—
—
—
ROR
RAS Only Refresh
1000*
Row TAP WM1
*
Yes
—
MWT
Masked Write Transfer
1001*
Row TAP WM1
*
Yes
—
MSWT
Masked Split
Write Transfer
1010*
Row TAP
*
*
—
—
RT
Read Transfer
1011*
Row TAP
*
*
—
—
SRT
Split Read Transfer
11000
Row Column WM1 Din,Dout
Yes
—
RWM
Read/Write
(Mask)
11001
Row
Column
WM1
Yes
Use
BWM
Masked Block Write
1101*
Row
*
WM1
—
Yes
Use
FWM
Masked Flash Write
11100
Row Column
*
Din,Dout
No
—
RW
Read/Write
(No Mask)
11101
Row
*
No
Use
BW
Block Write
(No Mask)
11111
Row
*
*
—
Load
LCR
Load Color Register
A2c - 8c
Column
A2c - 8c
Column
Select
Column
Select
Color
Data
If the DSF is "high" at the falling edge of RAS, special functions such as split transfer, flash write,
load color register can be invoked.
If the DSF is "low" at the falling edge of RAS and "high" at the falling edge of CAS, the block write
feature can be invoked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com