Electronic Components Datasheet Search
  English  ▼

X  

MSM548262-80JS Datasheet(PDF) 33 Page - OKI electronic componets

Part # MSM548262-80JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-80JS Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MSM548262-80JS Datasheet HTML 29Page - OKI electronic componets MSM548262-80JS Datasheet HTML 30Page - OKI electronic componets MSM548262-80JS Datasheet HTML 31Page - OKI electronic componets MSM548262-80JS Datasheet HTML 32Page - OKI electronic componets MSM548262-80JS Datasheet HTML 33Page - OKI electronic componets MSM548262-80JS Datasheet HTML 34Page - OKI electronic componets MSM548262-80JS Datasheet HTML 35Page - OKI electronic componets MSM548262-80JS Datasheet HTML 36Page - OKI electronic componets MSM548262-80JS Datasheet HTML 37Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
¡ Semiconductor
MSM548262
33/37
DATA TRANSFER OPERATIONS
The MSM548262 features two types of bidirectional data transfer capability between RAM and
SAM.
1) Conventional (non split) transfer: 512 words by 8 bits of data can be loaded from RAM to SAM
(Read transfer), or from SAM to RAM (Write transfer).
2) Split transfer: 256 words by 8 bits of data can be loaded from the lower/upper half of the RAM
to the lower/upper half of the SAM (Split read transfer), or from the lower/upper half of SAM
to the lower/upper half of RAM (Split write transfer).
The conventional transfer and split transfer modes are controlled by the DSF input signal.
Data transfer are invoked by holding the TRG signal "low" at the falling edge of RAS.
The MSM548262 supports 4 types of transfer operations: Read transfer, Split read transfer, Write
transfer and Split write transfer as shown in the truth table. The type of transfer operation is
determined by the state of CAS, WE and DSF latched at the falling edge of RAS. During
conventional transfer operations, the SAM port is switched from input to output mode (Read
transfer), or output to input mode (Write transfer). It remains unchanged during split transfer
operation (Split read transfer or Split write transfer).
Both RAM and SAM are divided by the most significant row address (AX8), as shown in Figure
1. Therefore, no data transfer between AX8 = 0 side RAM and AX8 = 1 side RAM can be provided
through the SAM. Care must be taken if the split read transfer on AX8 = 1 side (or AX8 = 0 side)
is provided after the read transfer or the split read transfer, is provided on AX8 = 0 side (or AX8
= 1 side).
Figure 1. RAM and SAM Configuration
256 ¥ 256 ¥ 8
Memory
Array
256 ¥ 256 ¥ 8
Memory
Array
256 ¥ 256 ¥ 8
Memory
Array
256 ¥ 256 ¥ 8
Memory
Array
AX8 = 0
AX8 = 1
SAM I/O Buffer
SDQ1 - 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com