Electronic Components Datasheet Search
  English  ▼

X  

MSM548262-80JS Datasheet(PDF) 37 Page - OKI electronic componets

Part # MSM548262-80JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-80JS Datasheet(HTML) 37 Page - OKI electronic componets

Back Button MSM548262-80JS Datasheet HTML 29Page - OKI electronic componets MSM548262-80JS Datasheet HTML 30Page - OKI electronic componets MSM548262-80JS Datasheet HTML 31Page - OKI electronic componets MSM548262-80JS Datasheet HTML 32Page - OKI electronic componets MSM548262-80JS Datasheet HTML 33Page - OKI electronic componets MSM548262-80JS Datasheet HTML 34Page - OKI electronic componets MSM548262-80JS Datasheet HTML 35Page - OKI electronic componets MSM548262-80JS Datasheet HTML 36Page - OKI electronic componets MSM548262-80JS Datasheet HTML 37Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
¡ Semiconductor
MSM548262
37/37
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
0.49 TYP.
TSOP
II44/40-P-400-0.80-K
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com