Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MB90822 Datasheet HTML 9Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 10Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 11Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 12Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 13Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 14Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 15Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 16Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
MB90820 Series
13
s I/O CIRCUIT TYPE
(Continued)
Classification
Type
Remarks
A
Main clock (main clock crystal oscillator)
• Oscillation feedback resistor :
approx. 1 M
Ω
B
• Hysteresis input
• Pull-up resistor : approx. 50 k
Ω
C
• CMOS output
• Hysteresis input
• Selectable pull-up resistor :
approx. 50 k
Ω
•IOL = 12 mA
D
• CMOS output
• Hysteresis input
• Selectable pull-up resistor :
approx. 50 k
Ω
•IOL = 4 mA
E
• CMOS output
•CMOS input
• Selectable pull-up resistor :
approx. 50 k
Ω
•IOL = 4 mA
X1
X0
N-ch P-ch
P-ch
N-ch
Standby mode control
Xout
R
P-ch
N-ch
R
P-ch
Pout
Pull-up control
Hysteresis input
Nout
Standby mode control
P-ch
N-ch
R
P-ch
Pout
Pull-up control
Hysteresis input
Nout
Standby mode control
P-ch
N-ch
R
P-ch
Pout
Pull-up control
CMOS input
Nout
Standby mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com