Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MB90822 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MB90820 Series
4
s PRODUCT LINEUP
(Continued)
MB90V820
MB90F822
MB90F823
MB90822
Classification
Development /evaluation
product
Mass-produced products
(Flash ROM with flash
security)
Mass-produced product
(Mask ROM)
ROM size
—
64K bytes
128K bytes
64K bytes
RAM size
16K bytes
4K bytes
CPU function
Number of instruction : 351
Minimum execution time : 42 ns / 4 MHz (PLL x 6)
Addressing mode : 23
Data bit length : 1, 8, 16 bits
Maximum memory space: 16M bytes
I/O port
I/O port (CMOS) : 66
PWC
Pulse width counter timer : 2 channels
Timer function (select the counter timer from three internal clocks)
Various pulse width measuring function (H pulse width, L pulse width, rising edge to falling edge
period, falling edge to rising edge period, rising edge to rising edge period and falling edge to
falling edge period)
UART
UART : 2 channels
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized transmission (with start and stop bits) can be
selected and used.
Transmission can be one-to-one (bidirectional communication) or one-to-n (master-slave com-
munication).
16-bit reload
timer
Reload timer : 2 channels
Reload mode, single-shot mode or event count mode selectable
16-bit PPG
timer
PPG timer : 3 channels
PWM mode or single-shot mode selectable
Channel 0 can be worked with multi-functional timer or independently.
Multi-functional
timer
(for AC/DC
motor control)
16-bit free-running timer with up or up-down mode selection and buffer : 1 channel
16-bit output compare : 6 channels
16-bit input capture : 4 channels
16-bit PPG timer : 1 channel
Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time)
8/10-bit A/D
converter
8/10-bit resolution (16 channels)
Conversion time : Min 3
µs (24 MHz internal clock, including sampling time)
8-bit D/A
converter
8/10-bit resolution (2 channels)
DTP/External
interrupt
8 independent channels
Interrupt factors : Rising edge, falling edge, “L” level or “H” level
Low-power
consumption
Stop mode / Sleep mode / CPU intermittent operation mode
Part number
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com