Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MB90822 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
MB90820 Series
5
(Continued)
*1 : Assurance for the MB90V820 is operating temperature 0
°C to +25 °C.
*2 : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
switching) about details.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
X : Not available
Note: For more information about each package, see “s PACKAGE DIMENSIONS”.
MB90V820
MB90F822
MB90F823
MB90822
Package
PGA-299
LQFP-80 (FPT-80P-M05 : 0.50 mm pitch)
LQFP-80 (FPT-80P-M11 : 0.65 mm pitch)
QFP-80 (FPT-80P-M06 : 0.80 mm pitch)
Power supply
voltage for
operation*1
4.5 V to 5.5 V*1
3.5 V to 5.5 V : Normal operation when A/D converter and
D/A converter are not used
4.0 V to 5.5 V : Normal operation when D/A converter is not used
4.5 V to 5.5 V : Normal operation
Process
CMOS
Emulator power
supply*2
Included
Package
MB90V820
MB90F822
MB90F823
MB90822
PGA299
X
X
X
FPT-80P-M05
X
FPT-80P-M11
X
FPT-80P-M06
X
Part number
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com