Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button MB90822 Datasheet HTML 42Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 43Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 44Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 45Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 46Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 47Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 48Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 49Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
MB90820 Series
46
6.
16-bit PPG Timer ( x 3)
The 16-bit PPG timer consists of a 16-bit down counter, prescaler, 16-bit period setting register, 16-bit duty
setting register, 16-bit control register and a PPG output pin. This module can be used to output pulses syn-
chronized by software trigger or GATE signal from Multi-functional timer, refer to “7. Multi-functional Timer”.
Features of 16-bit PPG timer :
• Two operating mode : PWM and One-shot mode
• 8 types of counter operation clock (
φ, φ/2, φ/4, φ/8, φ/16, φ/32, φ/64, φ/128) can be selected
• Interrupt is generated when trigger signal arrived, or counter borrow, or change of PPG output
• Supports for EI2OS
(1) Register configuration
(Continued)
15
14
13
12
11
10
9
8
Bit
PPG Period Setting Register (Upper)
Address: ch0 00003BH
ch1 000043H
ch2 00004BH
PCSR0 to
W
X
W
X
W
X
W
X
W
X
W
X
W
X
W
X
Initial value
Read/write
CS15
CS14
CS13
CS12
CS11
CS10
CS09 CS08
7
6
54
321
0
Bit
PPG Control Status Register (Lower)
15
14
13
12
11
10
9
8
Bit
PPG Control Status Register (Upper)
Address: ch0 00003EH
ch1 000046H
ch2 00004EH
PCNTL0 to
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
Initial value
Read/write
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
Initial value
Read/write
PCNTH0 to
Address: ch0 00003FH
ch1 000047H
ch2 00004FH
CNTE
STGR MDSE
RTRG
CKS1
CKS0 PGMS
CKS2
IREN
IRQF
IRS1
IRS0
POEN OSEL
15
14
13
12
11
10
9
8
PPG Duty Setting Register (Upper)
7
6
5
4
3
2
1
0
Bit
PPG Duty Setting Register (Lower)
Address: ch0 00003DH
ch1 000045H
ch2 00004DH
PDUT0 to
W
X
W
X
W
X
W
X
W
X
W
X
W
X
W
X
Initial value
Read/write
Address: ch0 00003CH
ch1 000044H
ch2 00004CH
W
X
W
X
W
X
W
X
W
X
W
X
W
X
W
X
Initial value
Read/write
PDUT0 to
DU15
DU14
DU13
DU12
DU11
DU10 DU09
DU08
DU07
DU06
DU05
DU04
DU03 DU02
DU01
DU00
Bit
XX
PCNTH2
PCNTL2
PDUT2
PDUT2
PCSR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com