Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button MB90822 Datasheet HTML 41Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 42Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 43Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 44Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 45Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 46Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 47Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 48Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
MB90820 Series
45
(2) Block diagram
Timer control status register (TMCSR0)
*1
<TMCSR1>
Prescaler
_
_
CSL1 CSL0 MOD2 MOD1
_
OUTL
OUTE
RELD INTE
UF
CNTE TRG
MOD0
Internal data bus
Input
control
circuit
Clock
selector
Clock
judgement
circuit
16-bit reload register
16-bit timer register (down-counter)
UF
Machine
clock
φ
Interrupt request signal
#30
*2
<#18>
Pin
Pin
Reload
control
circuit
Output signal
generation
circuit
Operation
control
circuit
TMR0
*1
<TMR1>
TMRD0
*1
<TMRD1>
Reload signal
Wait signal
to UART0,1
*1
<to A/D converter>
P42/TO0
*1
<P21/TO1>
EN
P41/TIN0
*1
<P20/TIN1>
Select
signal
Rever-
sed
External clock
Function select
Output control circuit
Gate
input
Internal
clock
Clear
2
3
3
CLK
CLK
*1: Used for channel 0/1. <> indicates channel 1.
*2: Interrupt number
FSEL
1-bit
down-counter
Clock
selector
1
0
FSEL: Initial value "1"
Count clock generation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com