Electronic Components Datasheet Search
  English  ▼

X  

MB90822 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB90822
Description  16-bit Proprietary Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MB90822 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB90822 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB90822 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MB90820 Series
2
(Continued)
• Instruction set optimized for controller applications
Supported data types : bit, byte, word, and long-word types
Standard addressing modes : 23 types
32-bit accumulator enhancing high-precision operations
Enhanced multiplication/division and RETI instructions
• Enhanced high level language (C) and multi-tasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Increased execution speed : 4-byte instruction queue
• Powerful interrupt function
Up to eight priority levels programmable
External interrupt inputs : 8 lines
• Automatic data transmission function independent of CPU operation
Up to 16 channels for the extended intelligent I/O service
DTP request inputs : 8 lines
• Internal ROM
FLASH : 64/128K bytes with flash security
MASKROM : 64K bytes
• Internal RAM
EVA : 16K bytes
FLASH : 4K bytes
MASKROM : 4K bytes
• General-purpose ports
Up to 66 channels (pull-up resistor settable input for : 32 channels)
• A/D Converter (RC) : 16 channels
8/10-bit resolution selectable
Conversion time : Min 3
µs at 24 MHz operating clock (including sampling time)
• 8-bit D/A Converter : 2 channels
• UART : 2 channels
• 16-bit PPG : 3 channels
Mode switching function provided (PWM mode or one-shot mode)
Channel 0 can be worked with multi-functional timer or independently
• 16-bit reload timer : 2 channels
• 16-bit PWC timer : 2 channels
• Multi-functional timer
Input capture : 4 channels
Output compare with selectable buffer : 6 channels
Free-running timer with up or up-down mode selection and selectable buffer: 1 channel
16-bit PPG : 1 channel
Waveform generator : (16-bit timer : 3 channels, 3-phase waveform or dead time)
• Timebase counter/watchdog timer : 18-bit
• Low-power consumption mode :
Sleep mode
Stop mode
CPU intermittent operation mode
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com