Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 6Page - Analog Devices ADP3188 Datasheet HTML 7Page - Analog Devices ADP3188 Datasheet HTML 8Page - Analog Devices ADP3188 Datasheet HTML 9Page - Analog Devices ADP3188 Datasheet HTML 10Page - Analog Devices ADP3188 Datasheet HTML 11Page - Analog Devices ADP3188 Datasheet HTML 12Page - Analog Devices ADP3188 Datasheet HTML 13Page - Analog Devices ADP3188 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP3188
Rev. A | Page 10 of 28
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the
sensing element (such as the switch node side of the output
inductors) to the inverting input, CSSUM. The feedback resistor
between CSCOMP and CSSUM sets the gain of the amplifier,
and a filter capacitor is placed in parallel with this resistor. The
gain of the amplifier is programmable by adjusting the feedback
resistor to set the load line required by the microprocessor. The
current information is then given as the difference of CSREF –
CSCOMP. This difference signal is used internally to offset the
VID DAC for voltage positioning and as a differential input for
the current-limit comparator.
To provide the best accuracy for sensing current, the CSA is
designed to have a low offset input voltage. Also, the sensing
gain is determined by external resistors, so that it can be made
extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output current
at the CSCOMP pin can be scaled to equal the droop impedance
of the regulator multiplied by the output current. This droop
voltage is then used to set the input control voltage to the
system. The droop voltage is subtracted from the DAC
reference input voltage directly to tell the error amplifier where
the output voltage should be. This differs from previous imple-
mentations and allows enhanced feed-forward response.
CURRENT-CONTROL MODE AND
THERMAL BALANCE
The ADP3188 has individual inputs for each phase, which are
used for monitoring the current in each phase. This information
is combined with an internal ramp to create a current balancing
feedback system, which has been optimized for initial current
balance accuracy and dynamic thermal balancing during opera-
tion. This current-balance information is independent of the
average output current information used for positioning
described previously.
The magnitude of the internal ramp can be set to optimize
the transient response of the system. It also monitors the supply
voltage for feed-forward control for changes in the supply. A
resistor connected from the power input voltage to the RAMPADJ
pin determines the slope of the internal PWM ramp. Detailed
information about programming the ramp is given in the
Application Information section.
External resistors can be placed in series with individual phases
to create, if desired, an intentional current imbalance such as
when one phase may have better cooling and can support higher
currents. Resistors RSW1 through RSW4 (see the typical appli-
cation circuit in Figure 10) can be used for adjusting thermal
balance. It is best to have the ability to add these resistors during
the initial design, so make sure that placeholders are provided in
the layout.
To increase the current in any given phase, make RSW for this
phase larger (make RSW = 0 for the hottest phase, and do not
change during balancing). Increasing RSW to only 500 Ω makes
a substantial increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the coolest
phase first.
VOLTAGE CONTROL MODE
A high gain bandwidth voltage mode error amplifier is used for
the voltage-mode control loop. The control input voltage to the
positive input is set via the VID logic according to the voltages
listed in Table 4. This voltage is also offset by the droop voltage
for active positioning of the output voltage as a function of
current, commonly known as active voltage positioning. The
output of the amplifier is the COMP pin, which sets the termi-
nation voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
a resistor (RB) and is used for sensing and controlling the output
voltage at this point. A current source from the FB pin flowing
through RB is used for setting the no-load offset voltage from
the VID voltage. The no-load voltage is negative with respect to
the VID DAC. The main loop compensation is incorporated
into the feedback network between FB and COMP.
SOFT START
The power-on ramp-up time of the output voltage is set with a
capacitor and resistor in parallel from the DELAY pin to ground.
The RC time constant also determines the current-limit latch-
off time as explained in the following section. In UVLO, or
when EN is a logic low, the DELAY pin is held at ground. After
the UVLO threshold is reached and EN is a logic high, the
DELAY capacitor is charged with an internal 20 µA current
source. The output voltage follows the ramping voltage on the
DELAY pin, limiting the inrush current. The soft-start time
depends on the value of the VID DAC and CDLY, with a
secondary effect from RDLY. Refer to the Application
Information section for detailed information on setting CDLY.
If either EN is taken low, or VCC drops below UVLO, the
DELAY capacitor is reset to ground to be ready for another
soft-start cycle. Figure 8 shows a typical soft-start sequence
for the ADP3188.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com