Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 15Page - Analog Devices ADP3188 Datasheet HTML 16Page - Analog Devices ADP3188 Datasheet HTML 17Page - Analog Devices ADP3188 Datasheet HTML 18Page - Analog Devices ADP3188 Datasheet HTML 19Page - Analog Devices ADP3188 Datasheet HTML 20Page - Analog Devices ADP3188 Datasheet HTML 21Page - Analog Devices ADP3188 Datasheet HTML 22Page - Analog Devices ADP3188 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADP3188
Rev. A | Page 19 of 28
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3188, currents are balanced between phases, thus the
current in each low-side MOSFET is the output current divided
by the total number of MOSFETs (nSF). With conduction losses
being dominant, the following expression shows the total power
being dissipated in each synchronous MOSFET in terms of the
ripple current per phase (IR) and average total output current (IO):
()
( )
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
=
2
2
12
1
1
(15)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, it is possible to find
the required RDS(ON) for the MOSFET. For D-PAK MOSFETs up
to an ambient temperature of 50°C, a safe limit for PSF is 1 W to
1.5 W at 120°C junction temperature. Thus, for this example
(119 A maximum), RDS(SF) (per MOSFET) < 7.5 mΩ. This RDS(SF)
is also at a junction temperature of about 120°C, so be certain to
account for this temperature when making this selection. This
example uses two lower-side MOSFETs at 4.8 mΩ each at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3418). The output impedance of the
driver is approximately 2 Ω, and the typical MOSFET input gate
resistances are about 1 Ω to 2 Ω, so a total gate capacitance of
less than 6000 pF should be adhered to. Because there are two
MOSFETs in parallel, the input capacitance for each synchronous
MOSFET should be limited to 3000 pF.
The high-side (main) MOSFET has to be able to handle two
main power dissipation components: conduction and switching
losses. The switching loss is related to the amount of time it
takes for the main MOSFET to turn on and off, and to the
current and voltage that are being switched. Basing the switching
speed on the rise and fall time of the gate driver impedance and
MOSFET input capacitance, the following expression provides
an approximate value for the switching loss per main MOSFET,
where nMF is the total number of main MOSFETs:
()
ISS
MF
G
MF
O
CC
SW
MF
S
C
n
n
R
n
I
V
f
P
×
×
×
×
×
×
= 2
(16)
where RG is the total gate resistance (2 Ω for the ADP3418 and
about 1 Ω for typical high speed switching MOSFETs, making
RG = 3 Ω), and CISS is the input capacitance of the main MOSFET.
Note that adding more main MOSFETs (nMF) does not really
help the switching loss per MOSFET because the additional gate
capacitance slows switching. The best way to reduce switching
loss is to use lower gate capacitance devices.
The conduction loss of the main MOSFET is given by the
following, where RDS(MF) is the on resistance of the MOSFET:
()
(
)
MF
DS
MF
R
MF
MF
C
R
n
I
n
n
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
2
2
O
12
1
I
(17)
Typically, for main MOSFETs, the highest speed (low CISS)
device is preferred, but these usually have higher on resistance.
Select a device that meets the total power dissipation (about
1.5 W for a single D-PAK) when combining the switching and
conduction losses.
For this example, an NTD40N03L was selected as the main
MOSFET (eight total; nMF = 8), with a CISS = 584 pF (max) and
RDS(MF) = 19 mΩ (max at TJ = 120°C), and an NTD110N02L was
selected as the synchronous MOSFET (eight total; nSF = 8), with
CISS = 2710 pF (max) and RDS(SF) = 4.8 mΩ (max at TJ = 120°C).
The synchronous MOSFET CISS is less than 3000 pF, satisfying
that requirement. Solving for the power dissipation per MOSFET
at IO = 119 A and IR = 11 A yields 958 mW for each synchronous
MOSFET and 872 mW for each main MOSFET. These numbers
comply with the guideline to limit the power dissipation to 1 W
per MOSFET.
One last thing to consider is the power dissipation in the driver
for each phase. This is best described in terms of the QG for the
MOSFETs and is given by the following equation, where QGMF is
the total gate charge for each main MOSFET, and QGSF is the
total gate charge for each synchronous MOSFET:
(
)
CC
CC
GSF
SF
GMF
MF
SW
DRV
V
I
Q
n
Q
n
n
f
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
+
×
+
×
×
×
=
2
(18)
Also shown is the standby dissipation factor (ICC × VCC) for the
driver. For the ADP3418, the maximum dissipation should be
less than 400 mW. In this example, with ICC = 7 mA, QGMF =
5.8 nC, and QGSF = 48 nC, 297 mW is found in each driver,
which is below the 400 mW dissipation limit. See the ADP3418
data sheet for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com