Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 14Page - Analog Devices ADP3188 Datasheet HTML 15Page - Analog Devices ADP3188 Datasheet HTML 16Page - Analog Devices ADP3188 Datasheet HTML 17Page - Analog Devices ADP3188 Datasheet HTML 18Page - Analog Devices ADP3188 Datasheet HTML 19Page - Analog Devices ADP3188 Datasheet HTML 20Page - Analog Devices ADP3188 Datasheet HTML 21Page - Analog Devices ADP3188 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP3188
Rev. A | Page 18 of 28
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by Intel for various processors and platforms.
Also, to determine what is required, use some simple design
guidelines. These guidelines are based on having both bulk
and ceramic capacitors in the system.
The first thing is to select the total amount of ceramic capaci-
tance. This is based on the number and type of capacitor to
be used. The best location for ceramic capacitors is inside the
socket, with 12 to 18 of size 1206 being the physical limit.
Others can be placed along the outer edge of the socket as well.
Combined ceramic values of 200 µF to 300 µF are recom-
mended, usually made up of multiple 10 µF or 22 µF capacitors.
Select the number of ceramic capacitors and find the total
ceramic capacitance (CZ).
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when considering the VID on-the-fly
voltage stepping of the output (voltage step VV in time tV with
error of VERR). A lower limit is based on meeting the capaci-
tance for load release for a given maximum load step ∆IO and a
maximum allowable overshoot. The total amount of load
release voltage is given as ∆VO = ∆IO × RO + ∆Vrl, where ∆Vrl
is the maximum allowable overshoot voltage.
()
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
∆
∆
+
×
×
≥
z
VID
O
rl
O
O
MIN
x
C
V
I
V
R
n
I
L
C
∆
(12)
() ≤
MAX
x
C
z
O
V
VID
v
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
(13)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
V
ERR
V
V
n
K
1
where
To meet the conditions of these expressions and transient
response, the ESR of the bulk capacitor bank (RX) should be less
than two times the droop resistance (RO). If the CX(MIN) is larger
than CX(MAX), the system cannot meet the VID on-the-fly speci-
fication and may require the use of a smaller inductor or more
phases (and may need the switching frequency to increase to
keep the output ripple the same).
This example uses 18, 10 µF 1206 MLC capacitors (CZ = 180
µF). The VID on-the-fly step change is 450 mV in 230 µs with
a setting error of 2.5 mV. The maximum allowable load release
overshoot for this example is 50 mV, so solving for the bulk
capacitance yields
()
mF
65
.
3
µF
180
V
3
.
1
A
95
mV
50
mΩ
0
.
1
4
A
95
nH
320
=
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
×
≤
MIN
x
C
()
()
×
×
×
×
×
≤
V
3
.
1
Ω
m
0
.
1
6
.
4
4
mV
450
nH
320
2
2
MAX
x
C
mF
48.5
F
180
1
nH
320
mV
450
Ω
m
1.0
4.6
4
V
1.3
µs
230
1
2
=
µ
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
×
×
+
where K = 4.6.
Using eight 560 µF Al-Poly capacitors with a typical ESR of
5 mΩ each yields CX = 4.48 mF with an RX = 0.63 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change. This is tested using
()
pH
360
2
mΩ
1
µF
180
2
2
2
=
×
×
≤
×
×
≤
x
O
z
x
L
Q
R
C
L
(14)
where Q is limited to the square root of 2 to ensure a critically
damped system. In this example, LX is approximately 350 pH
for the eight A1-Polys capacitors, which satisfies this limita-
tion. If the LX of the chosen bulk capacitor bank is too large, the
number of ceramic capacitors may need to be increased if
there is excessive ringing.
Note for this multimode control technique, all ceramic designs
can be used as long as the conditions of Equations 11, 12, and
13 are satisfied.
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3418) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs
(VGS(TH)°< 2.5 V) are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com