Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 18Page - Analog Devices ADP3188 Datasheet HTML 19Page - Analog Devices ADP3188 Datasheet HTML 20Page - Analog Devices ADP3188 Datasheet HTML 21Page - Analog Devices ADP3188 Datasheet HTML 22Page - Analog Devices ADP3188 Datasheet HTML 23Page - Analog Devices ADP3188 Datasheet HTML 24Page - Analog Devices ADP3188 Datasheet HTML 25Page - Analog Devices ADP3188 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP3188
Rev. A | Page 22 of 28
Figure 12 and Figure 13 show the typical transient response
using these compensation values.
Figure 12. Typical Transient Response for Design Example
Load Step
Figure 13. Typical Transient Response for Design Example
Load Release
CIN SELECTION AND
INPUT CURRENT DI/DT REDUCTION
In continuous inductor current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to n × VOUT/VIN and an amplitude of one-nth the
maximum output current. To prevent large voltage transients,
a low ESR input capacitor, sized for the maximum rms current,
must be used. The maximum rms capacitor current is given by
A
14.7
1
0.108
4
1
A
19
1
108
.
0
1
1
=
−
×
×
×
=
−
×
×
×
=
CRMS
O
CRMS
I
D
N
I
D
I
(34)
Note that the capacitor manufacturer’s ripple current ratings are
often based on only 2,000 hours of life. This makes it advisable
to further derate the capacitor, or to choose a capacitor rated at
a higher temperature than required. Several capacitors may be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
two 2,700 µF, 16 V aluminum electrolytic capacitors and eight
4.7 µF ceramic capacitors.
To reduce the input current di/dt to a level below the recom-
mended maximum of 0.1 A/µs, an additional small inductor
(L > 370 nH at 18 A) should be inserted between the converter
and the supply bus. That inductor also acts as a filter between
the converter and the primary power source.
0
20
40
60
80
100
120
100
80
60
40
20
0
OUTPUT CURRENT (A)
VOUT = 1.3 V
TA = 25°C
Figure 14. Efficiency of the Circuit of Figure 10 vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com