Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 12Page - Analog Devices ADP3188 Datasheet HTML 13Page - Analog Devices ADP3188 Datasheet HTML 14Page - Analog Devices ADP3188 Datasheet HTML 15Page - Analog Devices ADP3188 Datasheet HTML 16Page - Analog Devices ADP3188 Datasheet HTML 17Page - Analog Devices ADP3188 Datasheet HTML 18Page - Analog Devices ADP3188 Datasheet HTML 19Page - Analog Devices ADP3188 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP3188
Rev. A | Page 16 of 28
The smallest possible inductor should be used to minimize the
number of output capacitors. For this example, choosing a
320 nH inductor is a good starting point and gives a calculated
ripple current of 11 A. The inductor should not saturate at the
peak current of 35.5 A and should be able to handle the sum of
the power dissipation caused by the average current of 30 A in
the winding and core loss.
Another important factor in the inductor design is the DCR,
which is used for measuring the phase currents. A large DCR
can cause excessive power losses, while too small a value can
lead to increased measurement error. A good rule is to have the
DCR be about 1 to 1½ times the droop resistance (RO). For this
design, an inductor with a DCR of 1.4 mΩ is used.
DESIGNING AN INDUCTOR
Once the inductance and DCR are known, the next step is to
either design an inductor, or to find a standard inductor that
comes as close as possible to meeting the overall design goals. It
is also important to have the inductance and DCR tolerance
specified to control the accuracy of the system. 15% inductance
and 8% DCR (at room temperature) are reasonable tolerances
that most manufacturers can meet.
The first decision in designing the inductor is to choose the
core material. Several possibilities for providing low core loss at
high frequencies include the powder cores (for example, Kool-
Mµ® from Magnetics, Inc. or from Micrometals) and the gapped
soft ferrite cores (for example, 3F3 or 3F4 from Philips). Low
frequency powdered iron cores should be avoided due to their
high core loss, especially when the inductor value is relatively
low, and the ripple current is high.
The best choice for a core geometry is a closed-loop type such
as a potentiometer core, PQ, U, or E core or toroid. A good
compromise between price and performance is a core with a
toroidal shape.
Many useful magnetics design references are available for
quickly designing a power inductor, such as
•
Magnetic Designer Software
Intusoft (www.intusoft.com)
•
Designing Magnetic Components for High-Frequency DC-
DC Converters, by William T. McLyman, K G Magnetics,
Inc., ISBN 1883107008
Selecting a Standard Inductor
The following power inductor manufacturers can provide design
consultation and deliver power inductors optimized for high
power applications upon request:
•
Coilcraft
(847) 639-6400
www.coilcraft.com
•
Coiltronics
(561) 752-5000
www.coiltronics.com
•
Sumida Electric Company
(847) 545-6700
www.sumida.com
•
Vishay Intertechnology
(402) 563-6866
www.vishay.com
OUTPUT DROOP RESISTANCE
The design requires the regulator output voltage measured at
the CPU pins to drop when the output current increases. The
specified voltage drop corresponds to a dc output resistance (RO).
The output current is measured by summing the voltage across
each inductor and passing the signal through a low-pass filter.
This summer filter is the CS amplifier configured with resistors
RPH(X) (summers), and RCS and CCS (filter). The output resistance
of the regulator is set by the following equations, where RL is the
DCR of the output inductors:
()
L
x
PH
CS
O
R
R
R
R
×
=
(6)
CS
L
CS
R
R
L
C
×
=
(7)
The user has the flexibility of choosing either RCS or RPH(X). It is
best to select RCS equal to 100 kΩ, and then solve for RPH(X) by
rearranging Equation 6.
()
()
Ω
k
140
Ω
k
100
mΩ
0
.
1
Ω
m
4
.
1
=
×
=
×
=
x
PH
CS
O
L
x
PH
R
R
R
R
R
Next, use Equation 6 to solve for CCS.
nF
8
2
.
2
Ω
k
100
Ω
m
4
.
1
nH
320
=
×
=
CS
C
It is best to have a dual location for CCS in the layout, so that
standard values can be used in parallel to get as close to the
value desired. For accuracy, CCS should be a 5% or 10% NPO
capacitor. This example uses a 5% combination for CCS of 1.5 nF
and 560 pF in parallel. Recalculating RCS and RPH(X) using this
capacitor combination yields 110 kΩ and 154 kΩ. The closest
standard 1% value for RPH(X) is 158 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com