Electronic Components Datasheet Search
  English  ▼

X  

ADP3188 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 20Page - Analog Devices ADP3188 Datasheet HTML 21Page - Analog Devices ADP3188 Datasheet HTML 22Page - Analog Devices ADP3188 Datasheet HTML 23Page - Analog Devices ADP3188 Datasheet HTML 24Page - Analog Devices ADP3188 Datasheet HTML 25Page - Analog Devices ADP3188 Datasheet HTML 26Page - Analog Devices ADP3188 Datasheet HTML 27Page - Analog Devices ADP3188 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP3188
Rev. A | Page 24 of 28
AC Loadline Setting
11. Remove the dc load from the circuit and hook up the
dynamic load.
12. Hook up the scope to the output voltage and set it to dc
coupling, with the time scale at 100 µs/div.
13. Set the dynamic load for a transient step of about 40 A at
1 kHz with a 50% duty cycle.
14. Measure the output waveform (if not visible, use dc offset
on scope to view). Try to use a vertical scale of 100 mV/div
or finer. This waveform should look similar to Figure 15.
VACDRP
VDCDRP
Figure 15. AC Loadline Waveform
15. Use the horizontal cursors to measure VACDRP and VDCDRP as
shown. Do not measure the undershoot or overshoot that
happens immediately after this step.
16. If VACDRP and VDCDRP are different by more than a few
millivolts, use Equation 38 to adjust CCS. It may be nec-
essary to parallel different values to get the correct one as
there are limited standard capacitor values available. It is a
good idea to have locations for two capacitors in the layout
for this.
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(38)
17. Repeat Steps 11 to 13, and repeat the adjustments if
necessary. Once complete, do not change CCS for the
remainder of the procedure.
18. Set the dynamic load step to maximum step size (do not
use a step size larger than needed) and verify that the
output waveform is square, which means that VACDRP and
VDCDRP are equal.
Initial Transient Setting
19. With the dynamic load still set at the maximum step size,
expand the scope time scale to see 2 µs/div to 5 µs/div. The
waveform may have two overshoots and one minor under-
shoot (see Figure 16). Here, VDROOP is the final desired value.
VDROOP
VTRAN1
VTRAN2
Figure 16. Transient Setting Waveform
20. If both overshoots are larger than desired, try making
these adjustments:
Note that if these adjustments do not change the response,
the output decoupling is the limiting factor. Check the
output response every time a change is made, or nodes
are switched, to make sure the response remains stable.
•
Make the ramp resistor larger by 25% (RRAMP).
•
For VTRAN1, increase CB, or increase the switching
frequency.
•
For VTRAN2, increase RA, and decrease CA by 25%.
21. For load release (see Figure 17), if VTRANREL is larger
than VTRAN1 (see Figure 16), there is not enough output
capacitance. Either more capacitance is needed, or the
inductor values need to be smaller. (If inductors are
changed, start the design again using the spreadsheet
and this tuning procedure.)
VDROOP
VTRANREL
Figure 17. Transient Setting Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com