Electronic Components Datasheet Search
  English  ▼

X  

RT7205AL Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT7205AL Datasheet HTML 28Page - Richtek Technology Corporation RT7205AL Datasheet HTML 29Page - Richtek Technology Corporation RT7205AL Datasheet HTML 30Page - Richtek Technology Corporation RT7205AL Datasheet HTML 31Page - Richtek Technology Corporation RT7205AL Datasheet HTML 32Page - Richtek Technology Corporation RT7205AL Datasheet HTML 33Page - Richtek Technology Corporation RT7205AL Datasheet HTML 34Page - Richtek Technology Corporation RT7205AL Datasheet HTML 35Page - Richtek Technology Corporation RT7205AL Datasheet HTML 36Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
RT7205A
35
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
A
A1
A3
D
E
D2
E2
L
b
e
1
SEE DETAIL A
W-Type 24L QFN 4x4 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
3.950
4.050
0.156
0.159
D2
Option 1
2.400
2.500
0.094
0.098
Option 2
2.650
2.750
0.104
0.108
E
3.950
4.050
0.156
0.159
E2
Option 1
2.400
2.500
0.094
0.098
Option 2
2.650
2.750
0.104
0.108
e
0.500
0.020
L
0.350
0.450
0.014
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com