Electronic Components Datasheet Search
  English  ▼

X  

RT7205AL Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7205AL Datasheet HTML 3Page - Richtek Technology Corporation RT7205AL Datasheet HTML 4Page - Richtek Technology Corporation RT7205AL Datasheet HTML 5Page - Richtek Technology Corporation RT7205AL Datasheet HTML 6Page - Richtek Technology Corporation RT7205AL Datasheet HTML 7Page - Richtek Technology Corporation RT7205AL Datasheet HTML 8Page - Richtek Technology Corporation RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation RT7205AL Datasheet HTML 10Page - Richtek Technology Corporation RT7205AL Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
RT7205A
7
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 5. Interface of BLD and OVP Pins
Figure 4. Interface of CC1 and CC2
Open-Drain Drivers for BLD and OVP Pins
The BLD and OVP pins with their specific functions are
driven by open-drain drivers, as shown in Figure 5 and
explained below.
The BLD pin is used as a bleeder to help discharge the
output capacitor to Vsafe5V upon the detachment of a
connected device, or to a lower desired output voltage
level upon a UFP request, such as from 12V to 5V. A
resistor is connected between VOUT and the BLD pin and
a power resistor can be used for better power dissipation
capability.
be advertised to an Upstream Facing Port (UFP) as default
USB current, 1.5A, and 3.0A, respectively.
CC1I
CC1/CC2
MCU
10-bit
ADC
5V
DOL
DI
BLD/OVP
DIEN
SR Control
To improve the AC-DC converter's efficiency, the RT7205A
includes a SR controller, which has proprietary auto-
tracking function to minimize dead time between the
conduction intervals of the SR MOSFET and the main
switch MOSFET, while it can still ensure safe operation
in both DCM and CCM conditions and even in a wide output
range. To prevent the on-time overlap of the main switch
MOSFET and the SR MOSFET, the SR controller will be
temporarily turned off under conditions of load transition,
output voltage transition, output short circuit, or low output
or input voltages with programmable thresholds. At light
load or no load condition, the SR controller will also be
disabled to reduce power consumption.
The OVP pin is pulled low when output over-voltage
condition (register-programmable : 115%, 120%, 125%)
occurs. By way of an optocoupler, it can shut down the
primary-side controller (for example, RT7752).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com