Electronic Components Datasheet Search
  English  ▼

X  

RT7205AL Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7205AL Datasheet HTML 1Page - Richtek Technology Corporation RT7205AL Datasheet HTML 2Page - Richtek Technology Corporation RT7205AL Datasheet HTML 3Page - Richtek Technology Corporation RT7205AL Datasheet HTML 4Page - Richtek Technology Corporation RT7205AL Datasheet HTML 5Page - Richtek Technology Corporation RT7205AL Datasheet HTML 6Page - Richtek Technology Corporation RT7205AL Datasheet HTML 7Page - Richtek Technology Corporation RT7205AL Datasheet HTML 8Page - Richtek Technology Corporation RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
RT7205A
®
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
l Travel Adaptors with Fast Charge Protocols (e.g., FCP,
SCP and AFC)
l Travel Adaptors with USB Type-C Control (e.g., 5V/1.5A
and 5V/3A)
Programmable SMPS and USB Type-C Controller
Features
l
l
l
l
l Protocols Supported
}
}}
}} SCP, FCP, AFC and Proprietary Protocols
}
}}
}} USB Type-C
l
l
l
l
l Highly Integrated
}
}}
}} Embedded MCU with an Mask-ROM of 16kB, an
OTP-ROM of 8kB, and an SRAM of 0.75kB
}
}}
}} Built-in Synchronous Rectifier Driver and
Controller
}
}}
}} Built-in Charge Pump for a Wide VDD Operation
Range of 3V to 12V
}
}}
}} Built-in Shunt Regulator for Programmable
Constant-Voltage and Constant-Current Control
}
}}
}} Programmable Cable Compensation
}
}}
}} BLD Pin for Quick Discharge of Output Capacitor
}
}}
}} USBP Pin for Direct Drive of External Blocking
N-MOSFET
}
}}
}} Power-Saving Mode in Standby Mode
l
l
l
l
l Protection
}
}}
}} Adaptive Over-Voltage Protection
}
}}
}} Adaptive Under-Voltage Protection
}
}}
}} Firmware-Programmable Over-Current Protection
}
}}
}} Firmware-Programmable Over-Temperature
Protection
General Description
The RT7205A is a highly integrated and programmable
SMPS controller at the secondary side. It provides the
necessary functions and protections for high efficient and
high power density off-line AC-DC converter designs. The
RT7205A integrates an MCU to handle various proprietary
protocols (e.g., FCP, SCP and AFC) through D+/D-
interface and also support USB Type-C via CC1/CC2 pins.
An internal synchronous rectifier controller can optimize
efficiency and provide safe operate in both continuous-
conduction mode (CCM) and discontinuous-conduction
mode (DCM) even in the condition of a wide output voltage
range of 3V to 12V. Dual operational amplifiers with
respectively programmable reference voltages are included
for voltage-loop and current-loop regulation to provide
programmable constant-voltage (CV) and constant-current
(CC) regulation in high precision.
Ordering Information
Note :
Richtek products are :
} RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
} Suitable for use in SnPb or Pb-free soldering processes.
RT7205A
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7205A Version
(Refer to Version Table)
-
Programmed Firmware Code AABBX
AA : Application Code
BB : Model Code
X : Customer Approved Version Code
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT7205AL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results

Similar Description - RT7205AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB302 ONSEMI-FUSB302 Datasheet
1Mb / 35P
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2
FUSB302T ONSEMI-FUSB302T Datasheet
1Mb / 36P
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2
logo
Richtek Technology Corp...
RT7202K RICHTEK-RT7202K Datasheet
75Kb / 1P
Highly Integrated USB PD Type-C Controller for SMPS
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
RT7207 RICHTEK-RT7207 Datasheet
395Kb / 25P
USB PD Type-C Controller for SMPS
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com