Electronic Components Datasheet Search
  English  ▼

X  

RT7205AL Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7205AL Datasheet HTML 4Page - Richtek Technology Corporation RT7205AL Datasheet HTML 5Page - Richtek Technology Corporation RT7205AL Datasheet HTML 6Page - Richtek Technology Corporation RT7205AL Datasheet HTML 7Page - Richtek Technology Corporation RT7205AL Datasheet HTML 8Page - Richtek Technology Corporation RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation RT7205AL Datasheet HTML 10Page - Richtek Technology Corporation RT7205AL Datasheet HTML 11Page - Richtek Technology Corporation RT7205AL Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
RT7205A
8
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD Section
VDD Turn-On Threshold
Voltage
VVDD_ON
2.9
3.0
3.1
V
VDD Turn-Off Threshold
Voltage
VVDD_OFF
2.55
2.7
2.85
V
VDD Turn-On/-Off Hysteresis
VVDD_HYS
--
0.3
--
V
VDD Start-Up Current
IDD_START
VDD = 2.6V
--
200
300
µA
VDD Operating Current
IDD_OP
SR driver is disabled
--
10
--
mA
VDD Sleep-Mode Current
IDD_SLEEP
In sleep mode
--
900
--
µA
VDD Over-Voltage Protection
Threshold Voltage
VVDD_OVP
14.5
15.5
16.5
V
VDD Over-Voltage Protection
Threshold Voltage for Disable
SR Driver
VVDD_OVP_SR
With respect to VREF_CV
104.5
110
115.5
%
VDD Over-Voltage Protection
Deglitch Time
tD_VDDOVP
(Note 5)
--
50
--
µs
MCU Operating Frequency
fOSC_MCU
VDD = 5V
20.5
21.6
22.7
MHz
(TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
l Supply Input Voltage, VDD --------------------------------------------------------------------------------------------- 3V to 13V
l Junction Temperature Range -------------------------------------------------------------------------------------------
−40°C to 125°C
l Ambient Temperature Range -------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
l USBP to GND -------------------------------------------------------------------------------------------------------------
−0.3V to 25V
l VDD, OPTO, BLD, OVP to GND --------------------------------------------------------------------------------------
−0.3V to 16.5V
l V9, VG to GND ------------------------------------------------------------------------------------------------------------
−0.3V to 13V
l V5, VCP, VFB, IFB, V_TR, RT, CC1, CC2, D+, D-, CS+, CS- to GND ---------------------------------------
−0.3V to 6.5V
l V2 to GND ------------------------------------------------------------------------------------------------------------------
−0.3V to 2.5V
l Power Dissipation, PD @ TA = 25
°C
WQFN-24L 4x4 ----------------------------------------------------------------------------------------------------------- 3.57W
l Package Thermal Resistance
(Note 2)
WQFN-24L 4x4,
θJA ------------------------------------------------------------------------------------------------------ 28°C/W
WQFN-24L 4x4,
θJC ----------------------------------------------------------------------------------------------------- 7.1°C/W
l Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
l Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
l Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
l ESD Susceptibility
(Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------------- 2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com