Electronic Components Datasheet Search
  English  ▼

X  

RT7205AL Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7205AL Datasheet HTML 2Page - Richtek Technology Corporation RT7205AL Datasheet HTML 3Page - Richtek Technology Corporation RT7205AL Datasheet HTML 4Page - Richtek Technology Corporation RT7205AL Datasheet HTML 5Page - Richtek Technology Corporation RT7205AL Datasheet HTML 6Page - Richtek Technology Corporation RT7205AL Datasheet HTML 7Page - Richtek Technology Corporation RT7205AL Datasheet HTML 8Page - Richtek Technology Corporation RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation RT7205AL Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
RT7205A
6
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 1. CV and CC Loops
Interface of D+ and D-
The D+ and D- pins are used for BC1.2 compliance or for
communication with other proprietary protocols. The D+
and D- pins, connected to the MCU via an ADC, can be
reprogrammed for other purposes since they can be used
as an analog/digital input or output.
Figure 2. External Temperature Sensing
DOL
DI
RT
IBIAS_RT
MCU
RNTC
RT BIAS
10-bit ADC
3.6V
Current-Sense Amplifier
To minimize power loss of the current sense resistor in
the converter, the RT7205A includes an amplifier with
virtually zero input offset voltage and with a voltage gain of
40. The sensed output current is amplified by the current-
sense amplifier, shown as
“Io_signal ” in Figure 1, which
is then sent to the current-loop regulator for constant-
current regulation and also sent to the MCU, by way of an
10-bit ADC for analog-to-digital conversion, to update the
output current status for the MCU.
External Temperature Sensing
The RT7205A provides the RT pin, as a register-
programmable current source to bias a remote thermal
sensor, such as a thermistor (NTC), as shown in Figure
2. If the RT voltage is below an over-temperature protection
(OTP) threshold and the condition sustains for a
programmed time delay, the OTP will be triggered.
Figure 3. Interface of D+ and D-
DPMDO_LEV
DPOE
DPO
DPPE
DPPO
DPI
RH_DPDM
AIN
MCU
10-bit ADC
SHORT SWITCH
sDPM_SHORT
D+/D-
1.8V 3.3V 4.2V
RL_DPDM
Interface of CC1 and CC2
The CC1 and CC2 pins are used for compliance with USB
Type-C specification. When configured as a Downstream
Facing Port (DFP), three current capabilities of 80
µA,
180
µA, and 330µA, provided by each of the CC pins, will
ROPTO_VDD
VOFFSET_CS = 0.5V
VREF_CC
10-bit DAC
ROPTO_GND
VDD
VFB
IFB
OPTO
CS+
CS-
CS Gain = 40
A
Io_signal
VDD
UVLO
VDD
UVLO
VREF_CV
10-bit DAC
RFB1
RFB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com