Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 56 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 56 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 53Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 54Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 55Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 56Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 57Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 58Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 59Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 60Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 119 page
background image
BMA253
Data sheet
Page 56
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x08 (ACCD_TEMP)
The register contains the current chip temperature represented in two’s complement format. A
readout value of temp<7:0>=0x00 corresponds to a temperature of 23°C.
Name
0x08
ACCD_TEMP
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
temp<7:4>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
temp<3:0>
temp<7:0>:
Temperature value (two s-complement format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com