Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 84 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 84 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 86Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 88Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 119 page
background image
BMA253
Data sheet
Page 84
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x30 (FIFO_CONFIG_0)
Contains the FIFO watermark level.
Name
0x30
FIFO_CONFIG_0
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
n/a
n/a
0
0
Content
reserved
fifo_water_mark_level_trigger_retain<
5:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
fifo_water_mark_level_trigger_retain<3:0>
reserved:
write ‘0’
fifo_water_mark_level_trigger_retain<5:0>:
fifo_water_mark_level_trigger_retain<5:0> defines the FIFO watermark level.
An interrupt will be generated, when the number of entries in the FIFO is
equal to fifo_water_mark_level_trigger_retain<5:0>;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com