Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 119 page
background image
BMA253
Data sheet
Page 18
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.3 Sensor data
4.3.1 Acceleration data
The width of acceleration data is 12 bits given in two´s complement representation. The 12 bits
for each axis are split into an MSB upper part (one byte containing bits 11 to 4) and an LSB
lower part (one byte containing bits 3 to 0 of acceleration and a (0x02, 0x04, 0x06) new_data
flag). Reading the acceleration data registers shall always start with the LSB part. In order to
ensure the integrity of the acceleration data, the content of an MSB register is locked by reading
the corresponding LSB register (shadowing procedure). When shadowing is enabled, the MSB
must always be read in order to remove the data lock. The shadowing procedure can be
disabled (enabled) by writing ´1´ (´0´) to the bit shadow_dis. With shadowing disabled, the
content of both MSB and LSB registers is updated by a new value immediately. Unused bits of
the LSB registers may have any value and should be ignored. The (0x02, 0x04, 0x06)
new_data flag of each LSB register is set if the data registers have been updated. The flag is
reset if either the corresponding MSB or LSB part is read.
Two different streams of acceleration data are available, unfiltered and filtered. The unfiltered
data is sampled with 2kHz. The sampling rate of the filtered data depends on the selected filter
bandwidth and is always twice the selected bandwidth (BW = ODR/2). Which kind of data is
stored in the acceleration data registers depends on bit (0x13) data_high_bw. If (0x13)
data_high_bw is ´0´ (´1´), then filtered (unfiltered) data is stored in the registers. Both data
streams are offset-compensated.
The bandwidth of filtered acceleration data is determined by setting the (0x10) bw bit as
followed:
Table 4: Bandwidth configuration
bw
Bandwidth
Update Time
tut
00xxx
*)
-
01000
7.81Hz
64ms
01001
15.63Hz
32ms
01010
31.25Hz
16ms
01011
62.5Hz
8ms
01100
125Hz
4ms
01101
250Hz
2ms
01110
500Hz
1ms
01111
1000Hz
0.5ms
1xxxx
*)
-
*) Note: Settings 00xxx result in a bandwidth of 7.81 Hz; settings 1xxxx result in a bandwidth of
1000 Hz. It is recommended to actively set an application specific and an appropriate bandwidth
and to use the range from ´01000b´ to ´01111b´ only in order to be compatible with future
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com