Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 46 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 46 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 43Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 44Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 50Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
BMA253
Data sheet
Page 46
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.2 FIFO Data Readout
The FIFO stores the data that are also available at the acceleration read-out registers (0x02) to
(0x07). Thus, all configuration settings apply to the FIFO data as well as the acceleration data
readout registers. The FIFO read out is possible through register (0x3F). The readout can be
performed using burst mode since the read address counter is no longer incremented, when it
has reached address (0x3F). This implies that the trapping also occurs when the burst read
access starts below address (0x3F). A single burst can read out one or more frames at a time.
Register (0x3E) fifo_data_select controls the acceleration data of which axes are stored in the
FIFO. Possible settings for register (0x3E) fifo_data_select are ‘00b’ for x, y- and z-axis, ‘01b’
for x-axis only, ‘10b’ for y-axis, ‘11b’ for z-axis only. The depth of the FIFO is independent of
whether all or a single axis have been selected. Writing to register (0x3E) clears the buffer
content and resets the FIFO-full and watermark interrupts.
If all axes are enabled, the format of the data read-out from register (0x3F) is as follows:
If only one axis is enabled, the format of the data read-out from register (0x3F) is as follows
(example shown: y-axis only, other axes are equivalent).
If a frame is not completely read due to an incomplete read operation, the remaining part of the
frame is discarded. In this case the FIFO aligns to the next frame during the next read
operation. In order for the discarding mechanism to operate correctly, there must be a delay of
at least 1.5 us between the last data bit of the partially read frame and the first address bit of the
next FIFO read access. Otherwise frames must not be read out partially.
If the FIFO is read beyond the FIFO fill level zeroes (0) will be read. If the FIFO is read beyond
the FIFO fill level the read or burst read access time must not exceed the sampling time tSAMPLE.
Otherwise frames may be lost.
5.3 FIFO Frame Counter and Overrun Flag
Register (0x0E) fifo_frame_counter reflects the current fill level of the buffer. If additional frames
are written to the buffer although the FIFO is full, the (0x0E) fifo_overrun bit is set to ‘1’. The
FIFO buffer is cleared, the FIFO fill level indicated in register (0x0E) fifo_frame_counter and the
(0x0E) fifo_overrun bit are both set to ‘0’ each time one a write access to one of the FIFO
configuration registers (0x3E) or (0x30) occurs. The (0x0E) fifo_overrun bit is not reset when
the FIFO fill level (0x0E) fifo_frame_counter has decremented to ‘0’ due to reading from register
(0x3F).
…
Frame 1
Y LSB
Y MSB
Y LSB
Y MSB
Frame 2
Frame 1
X LSB
X MSB
Y LSB
Y MSB
Z LSB
Z MSB
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com