Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
BMA253
Data sheet
Page 11
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
2. Absolute maximum ratings
Table 2: Absolute maximum ratings
Parameter
Condition
Min
Max
Units
Voltage at Supply Pin
VDD Pin
-0.3
4.25
V
VDDIO Pin
-0.3
4.25
V
Voltage at any Logic Pin
Non-Supply Pin
-0.3
VDDIO+0.3
V
Passive Storage Temp. Range
≤ 65% rel. H.
-50
+150
°C
None-volatile memory (NVM)
Data Retention
T = 85°C,
after 15 cycles
10
y
Mechanical Shock
Duration ≤ 200µs
10,000
g
Duration ≤ 1.0ms
2,000
g
Free fall
onto hard surfaces
1.8
m
ESD
HBM, at any Pin
2
kV
CDM
500
V
MM
200
V
Note:
Stress above these limits may cause damage to the device. Exceeding the specified electrical
limits may affect the device reliability or cause malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com