Electronic Components Datasheet Search
  English  ▼

X  

BMA253 Datasheet(PDF) 89 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 89 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 86Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 88Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 89Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 90Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 91Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 92Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 93Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 119 page
background image
BMA253
Data sheet
Page 89
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x37 (OFC_SETTING)
Contains configuration settings for the fast and the slow offset compensation.
Name
0x37
OFC_SETTING
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
Reserved
offset_target_z<1:0>
offset_target_y<1
>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
offset_target_y<0
>
offset_target_x<1:0>
cut_off
reserved:
write ‘0’
offset_target_z<1:0>: offset compensation target value for z-axis is ´00b´  0 g, ´01b´  +1 g,
´10b´  -1 g, or ´11b´  0 g
offset_target_y<1:0>: offset compensation target value for y-axis is ´00b´  0 g, ´01b´  +1 g,
´10b´  -1 g, or ´11b´  0 g
offset_target_x<1:0>: offset compensation target value for x-axis is ´00b´  0 g, ´01b´  +1 g,
´10b´  -1 g, or ´11b´  0 g
cut_off:
(0x37)
cut_off
high-pass filter
bandwidth
Example
bw = 500 Hz
0b
1b
*bw: please insert selected decimal data bandwidth value [Hz] from table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com