Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 6 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 6 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 10Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data sheet
BMP180
Page 6
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
1. Electrical characteristics
If not stated otherwise, the given values are ±3-Sigma values over temperature/voltage range in the
given operation mode. All values represent the new parts specification; additional solder drift is
shown separately.
Table 1: Operating conditions, output signal and mechanical characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating temperature
TA
operational
-40
+85
°C
full accuracy
0
+65
Supply voltage
VDD
ripple max. 50mVpp
1.8
2.5
3.6
V
1.62
2.5
3.6
Supply current
@ 1 sample / sec.
25°C
IDDLOW
ultra low power mode
3
µA
IDDSTD
standard mode
5
µA
IDDHR
high resolution mode
7
µA
IDDUHR
Ultra high res. mode
12
µA
IDDAR
Advanced res. mode
32
µA
Peak current
Ipeak
during conversion
650
µA
Standby current
IDDSBM
@ 25°C
0.1
4
1
µA
Relative accuracy
pressure
VDD = 3.3V
950 . . . 1050 hPa
@ 25 °C
±0.12
hPa
±1.0
m
700 … 900hPa
25 . . . 40 °C
±0.12
hPa
±1.0
m
Absolute accuracy
pressure
VDD = 3.3V
300 . . . 1100 hPa
0 . . . +65 °C
-4.0
-1.0*
+2.0
hPa
300 . . . 1100 hPa
-20 . . . 0 °C
-6.0
-1.0*
+4.5
hPa
Resolution of
output data
pressure
0.01
hPa
temperature
0.1
°C
Noise in pressure
see table on page 12-13
Absolute accuracy
temperature
VDD = 3.3V
@ 25 °C
-1.5
±
0.5
+1.5
°C
0 . . . +65 °C
-2.0
±1.0
+2.0
°C
1 at 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com