Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 17 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 17 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data sheet
BMP180
Page 17
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.7 Calculating pressure at sea level
With the measured pressure p and the absolute altitude the pressure at sea level can be calculated:
Thus, a difference in altitude of ∆altitude = 10m corresponds to 1.2hPa pressure change at sea level.
255
.
5
0
44330
altitude
-
1
p
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com