Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 23 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 23 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 27Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data sheet
BMP180
Page 23
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
6. Package
6.1 Pin configuration
Picture shows the device in top view. Device pins are shown here transparently only for orientation
purposes.
Figure 10: Layout pin configuration BMP180
Table 9: Pin configuration BMP180
in No
Name
Function
1
CSB*
Chip select
2
VDD
Power supply
3
VDDIO
Digital power supply
4
SDO*
SPI output
5
SCL
I2C serial bus clock input
6
SDA
I2C serial bus data (or SPI input)
7
GND
Ground
* A pin compatible product variant with SPI interface is possible upon customer’s request. For I2C
(standard case) CSB and SDO are not used, they have to be left open.
All pins have to be soldered to the PCB for symmetrical stress input even though they are not
connected internally.
5
6
4
2
1
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com