Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data sheet
BMP180
Page 11
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Start temperature
measurement
Read UT
Start pressure
measurement
Read UP
Start
Calculate pressure and
temperature in physical
units
wait (depends on mode, see below)
wait 4.5 ms
3.3 Measurement of pressure and temperature
For all calculations presented here an ANSI C code is available from Bosch Sensortec (“BMP180
_API”).
The microcontroller sends a start sequence to start a pressure or temperature measurement. After
converting time, the result value (UP or UT, respectively) can be read via the I2C interface. For
calculating temperature in °C and pressure in hPa, the calibration data has to be used. These
constants can be read out from the BMP180 E2PROM via the I2C interface at software initialization.
The sampling rate can be increased up to 128 samples per second (standard mode) for dynamic
measurement. In this case, it is sufficient to measure the temperature only once per second and to
use this value for all pressure measurements during the same period.
Figure 3: Measurement flow BMP180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com