Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 28 Page - Bosch Sensortec GmbH

Part # BMP180
Description  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 Datasheet(HTML) 28 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 29Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Data sheet
BMP180
Page 28
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
8. Document history and modification
Rev. No Chapter Description of modifications/changes
Date
1.0
First edition for description of serial production material
– Preliminary version
1.1
5.1
New nomenclature of pin configuration
27 July 2010
1.2
5
Design change in package – hole in Lid and without slit 13 September 2010
1.3
3.2
5.1
- Standardizing pin naming over Bosch Sensortec
products – typical application circuit
- Optimizing pin description, SPI description
15 December 2010
2.0
1
- Non-preliminary version
- Verifying parameter through characterization
28 January 2011
2.1
3.2
4
5.3
6.1
6.2.1
- Declaration of SDO and CSB pins in the typical
application circuit
- Adding global memory map and bits description
- Power-up sequence
- Description of used interfaces
- Dimension pin7
1 April 2011
2.2
6.1
Correction of the pin configuration (editorial change)
14 April 2011
2.3
3.3
Optimizing noise performance
25 May 2011
2.4
6.3
Removed shelf-life constraints
26 January 2012
page 2
Comparison removed
5.1
Voltage output low level added
5.3
Power on sequence of VDD and VDDIO defined
2.5
1
Added max values for supply current for restricted
version
15 Feb 2013
1
Added max value for standby current for restricted
version
5 Apr 2013
Figure 4
Update of calculation of algorithm for pressure and
temperature measurement
Page 2
Changed wording from “ultra high resolution mode” to
“advanced resolution mode”
2.6
Page 26
Changed document referral from ANP015 to BST-
MPS-AN004-00
17 Jan 2014
2.7
3.5
New equation for B3
26 Aug 2014
2.8
Page 26
Updated RoHS directive to 2011/65/EU effective 8
June 2011
07 May 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com