Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LSP5526 Datasheet HTML 1Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 2Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
4 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Absolute Maximum Ratings(at TA=25°C)
Note: Operate over the “Absolute Maximum Ratings” may cause permanent damage to the device.
Exposure to such conditions for extended time may still affect the reliability of the device.
Characteristics
Value
Unit
Input Supply Voltage
-0.3 to 25
V
SW Voltage
-0.3 to VIN + 0.3
V
BS Voltage
VSW – 0.3 to VSW + 6
V
EN, FB, COMP Voltage
-0.3 to 5
V
Continuous SW Current
Internally limited
A
Maximum Junction Temperature
150
°C
Storage Temperature Range
-65 to 150
°C
SOP-8L Thermal Resistance (Junction to Case)
60
°C/W
SOP-8L Thermal Resistance (Junction to Ambient)
150
°C/W
SOP-8L Power dissipation
810
mW
Moisture Sensitivity (MSL)
Please refer the MSL label on the IC package
bag/carton for detail
Note1: Ratings apply to ambient temperature at 25°C
Recommended Operating Conditions
Characteristics
Min
Max
Unit
Input Supply Voltage
4.5
23
V
Operating Junction Temperature
-20
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com