Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LSP5526 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 11Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
8 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Input Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended. Since large current flows in and out of this capacitor
during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10uF. The best choice is the ceramic type; however, low ESR
tantalum or electrolytic types may also be used provided that the RMS ripple current rating is higher than
50% of the output current. The input capacitor should be placed close to the VIN and GND pins of the IC,
with the shortest traces possible. In the case of tantalum or electrolytic types, they can be further away if a
small parallel 0.1uF ceramic capacitor is placed right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple. In the case of ceramic
output capacitors, RESR is very small and does not contribute to the ripple. Therefore, a lower capacitance
value can be used for ceramic capacitors. In the case of tantalum or electrolytic capacitors, the ripple is
dominated by RESR multiplied by the ripple current. In that case, the output capacitor is chosen to have
sufficiently low ESR.
For ceramic output capacitors, typically choose a capacitance of about 22uF. For tantalum or electrolytic
capacitors, choose a capacitor with less than 50mΩ ESR.
Optional Schottky Diode
During the transition between high-side switch and low-side switch, the body diode of the low side power
MOSFET conducts the inductor current. The forward voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and GND pin to improve overall efficiency. Table 3 lists
example Schottky diodes and their Manufacturers.
Table 3
-Diode Selection Guide
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Lite-on semiconductor corp.
SK13
30V, 1A
Lite-on semiconductor corp.
Stability Compensation
CCOMP2 is needed only for high ESR output capacitor
Figure 2. Stability Compensation
The feedback loop of the IC is stabilized by the components at the COMP pin, as shown in Figure 2. The DC
loop gain of the system is determined by the following equation:
COMP
VEA
OUT
VDC
G
A
I
V
A
925
.
0
=
The dominant pole P1 is due to CCOMP1:
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com