Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 11Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 12Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 13Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
10 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Table 4 Component Selection Guide for Stability Compensation
Vin Range
(V)
Vout
(V)
Cout
Rcomp (R3)
(kΩ)
Ccomp (C4)
(nF)
Ccomp2 (C5)
(pF)
Inductor
(uH)
5 – 12
1.0
22uF x2
Ceramic
3.3
5.6
none
4.7
5 - 15
1.2
3.9
4.7
none
4.7
5 - 23
1.8
5.6
3.3
none
10
5 - 23
2.5
8.2
2.2
none
10
5 - 23
3.3
10
2
none
10
5 - 23
5
10
3.3
none
10
5 - 12
1.0
470uF/
6.3V/
120mΩ
10
6.8
680
4.7
5 - 15
1.2
5 - 23
1.8
10
5 - 23
2.5
5 - 23
3.3
5 - 23
5
Figure 3. Load Transient Testing VS Compensation Value
Vout Overshoot vs Vout
(Vin=12V, Cout=44uF, dIout =1A)
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Vout, V
Comp=3.3k/5.6nF L=10uH
Comp=3.3k/5.6nF L= 4.7uH
Comp=5.6k/3.3nF L=10uH
Comp=8.2k/2.2nF L=10uH
Comp=8.2k/2.2nF L=4.7uH
Comp=10k/3.3nF L=10uH
Comp=10k/2.2nF L=10uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com