Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LSP5526 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
7 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Output Voltage Setting
FB
R1
R2
V
OUT
Figure1. Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the two feedback
resistors R1 and R2 based on the output voltage. Typically, use R2 ≈ 10KΩ and determine R1 from the
following equation:
Table1
- Recommended Resistance Values
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is
dependent on the inductance value: higher inductance reduces the peak-to-peak ripple current. The trade off
for high inductance value is the increase in inductor core size and series resistance, and the reduction in
current handling capability. In general, select an inductance value L based on the ripple current requirement:
RIPPLE
OUTMAX
SW
IN
OUT
IN
OUT
K
I
f
V
)
V
V
(
V
L
−
•
=
w here VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, IOUTMAX is the
maximum output current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE = 30% to correspond
to the peak-to-peak ripple current being 30% of the maximum output current.
With this inductor value, the peak inductor current is IOUT • (1 + KRIPPLE / 2). Make sure that this peak
inductor current is less than the upper switch current limit. Finally, select the inductor core size so that it does
not saturate at the current limit. Typical inductor values for various output voltages are shown in Table 2.
VOUT
1.0V
1.2V 1.5V 1.8V 2.5V
3.3V
5V
9V
L
4.7uH 4.7uH 10uH 10uH 10uH 10uH 10uH 33uH
Table 2. Typical Inductor Values
VOUT
R1
R2
1.0V
1.0 KΩ
12 KΩ
1.2V
3.0 KΩ
10 KΩ
1.8V
9.53 KΩ
10 KΩ
2.5V
16.9 KΩ
10 KΩ
3.3V
26.1 KΩ
10 KΩ
5V
44.2 KΩ
10 KΩ
12V
121 KΩ
10 KΩ
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com