Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LSP5526 Datasheet HTML 1Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 2Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
2 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Block Diagram
6
7
8
5
2
1
3
4
INTERNAL
REGULATORS
FB
SS
COMP
EN
1.1V
0.3V
0.925V
2.5V
1.5V
OVP
SHUTDOWN
COMPARATOR
ERROR
AMPLIFIER
LOCKOUT
COMPARATOR
EN OK
6uA
OSCILLATOR
340/120KHz
RAMP
CLK
1.2V
OVP
IN<4.10V
IN
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
5V
VIN
BS
SW
GND
S Q
R Q
Ordering Information
Blank : ADJ
S8 : SOP-8L
A : Tape & Reel
Output Voltage
Package
Packing
LSP 5526 -
Packing
Package
Output Voltage
X XX X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com