Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5526 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LSP5526 Datasheet HTML 1Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 2Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5526 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LSP5526
2A 23V Synchronous Buck Converter
5 of 15
www.liteonsemi.com
LSP5526 Rev. 06
2016/8/1
Electrical Characteristics
(TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 23V
0.900
0.925
0.950
V
Feedback Overvoltage Threshold
1.1
V
High-Side Switch-On Resistance*
95
mΩ
Low-Side Switch-On Resistance*
95
mΩ
High-Side Switch Leakage
VEN = 0V, VSW = 0V
10
uA
Upper Switch Current Limit
Minimum Duty Cycle
2.7
3.5
A
COMP to Current
Limit Transconductance
GCOMP
3.3
A/V
Error Amplifier Transconductance
GEA
∆ICOMP = ±10uA
920
uA/V
Error Amplifier DC Gain*
AVEA
480
V/V
Switching Frequency
fSW
340
KHz
Short Circuit Switching Frequency
VFB = 0
120
KHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
92
%
Minimum On Time*
220
nS
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.4
2
V
EN Shutdown Threshold Voltage
Hysteresis
180
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysteresis
130
mV
Supply Current in Shutdown
VEN = 0
0.3
3.0
uA
IC Supply Current in Operation
VEN = 3V, VFB = 1.0V
1.3
1.5
mA
Input UVLO Threshold Rising
UVLO
VEN Rising
3.80
4.05
4.40
V
Input UVLO Threshold Hysteresis
100
mV
Soft-start Current
VSS = 0V
6
uA
Soft-start Period
CSS = 0.1uF
15
mS
Thermal Shutdown Temperature*
Hysteresis =25°C
160
°C
Note : * Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com