Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 4 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 4 Page - Rockchip Electronics Co., Ltd

  RK808 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 4Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 5Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 6Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 7Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 8Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
4
15.2.1.1 SECONDS_REG : RTC SECOND Register................................40
15.2.1.2 MINUTES_REG : RTC MINUTE Register..................................40
15.2.1.3 HOURS_REG : RTC HOUR Register .......................................41
15.2.1.4 DAYS_REG : RTC DAY Register.............................................41
15.2.1.5 MONTHS_REG : RTC MONTH Register ...................................41
15.2.1.6 YEARS_REG : RTC YEAR Register .........................................42
15.2.1.7 WEEKS_REG : RTC WEEK Register .......................................42
15.2.1.8 ALARM_SECONDS_REG : RTC ALARM SECOND Register ..........42
15.2.1.9 ALARM_MINUTES_REG : RTC ALARM MINUTE Register............43
15.2.1.10
ALARM_HOURS_REG : RTC ALARM HOUR Register ............43
15.2.1.11
ALARM_DAYS_REG : RTC ALARM DAY Register .................43
15.2.1.12
ALARM_MONTHS_REG : RTC ALARM MONTH Register........44
15.2.1.13
ALARM_YEARS_REG : RTC ALARM YEAR Register ..............44
15.2.1.14
RTC_CTRL_REG : RTC Control Register ............................44
15.2.1.15
RTC_STATUS_REG : RTC Status Register .........................45
15.2.1.16
RTC_INT_REG : RTC Interrupt Register............................46
15.2.1.17
RTC_COMP_LSB_REG : RTC Comensation LSB Register .....46
15.2.1.18
RTC_COMP_MSB_REG : RTC Compensation MSB Register ..46
15.2.2
MISC REGISTERS ....................................................................47
15.2.2.1 CLK32KOUT_REG : RTC Compensation MSB Register ..............47
15.2.2.2 VB_MON_REG : Battery Voltage Monitor Register ...................47
15.2.2.3 THERMAL_REG : Thermal Control Register ............................48
15.2.3
POWER CHANNEL CONTROL/MONITOR REGISTERS......................49
15.2.3.1 DCDC_EN_REG : DC-DC Converter Enable Register ................49
15.2.3.2 LDO_EN_REG : LDO Enable Register.....................................49
15.2.3.3 SLEEP_SET_OFF_REG1 : Sleep set Off Register #1.................50
15.2.3.4 SLEEP_SET_OFF_REG2 : Sleep set Off Register #2.................50
15.2.3.5 DCDC_UV_STS_REG : DC-DC Under Voltage Status Register ...51
15.2.3.6 DCDC_UV_ACT_REG : DC-DC Under Voltage Action Register ...51
15.2.3.7 LDO_UV_STS_REG : LDO Under Voltage Status Register .........52
15.2.3.8 LDO_UV_ACT_REG : LDO Under Voltage Action Register .........53
15.2.3.9 DCDC_PG_REG : DC-DC Converter Power Good Status Register
54
15.2.3.10
LDO_PG_REG : LDO Power Good Status Register ..............54
15.2.3.11
VOUT_MON_TDB_REG : VOUT Debounce Monitor Register .55
15.2.4
POWER CHANNEL CONFIGURATION REGISTERS ..........................56
15.2.4.1 BUCK1_CONFIG_REG : BUCK1 Configuration Register ............56
15.2.4.2 BUCK1_ON_VSEL : BUCK1 Active Mode Register ....................56
15.2.4.3 BUCK1_SLP_VSEL : BUCK1 Sleep Mode Register ....................57
15.2.4.4 BUCK1_DVS_VSEL : BUCK1 DVS Mode Register.....................57
15.2.4.5 BUCK2_CONFIG_REG : BUCK2 Configuration Register ............58
15.2.4.6 BUCK2_ON_VSEL : BUCK2 Active Mode Register ....................59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com