Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 73 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 73 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 69Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
73
15.2.5.5
IO_POL_REG : IO Polarity Register
Address: 50H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
RESV
RESV
RESV
DVS2_POL
DVS1_POL
INT_POL
Default
0
0
0
0
0
1
1
0
Description
Bit 7-3
Reserved
Bit 2
DVS2_POL: DVS2 pin polarity
0: active low
1: active high
Bit 1
DVS1_POL: DVS1 pin polarity
0: active low
1: active high
Bit 0
INT_POL: INT pin polarity
0: active low
1: active high
15.2.5.6
DCDC_ILMAX_REG : DCDC max inductor current Register
Address: 90H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
BUCK4_ILMAX
BUCK3_ILMAX
BUCK2_ILMAX
BUCK1_ILMAX
Default
0
1
0
1
0
1
0
1
Description
Bit 7-6
BUCK4_ILMAX: BUCK4 max inductor current
00:2A
01:2.5A
10:3A
11:3.5A
Bit 5-4
BUCK3_ILMAX: BUCK4 max inductor current
00:2A
01:2.5A
10:3A
11:3.5A
Bit 3-2
BUCK2_ILMAX: BUCK4 max inductor current
00:4.5A
01: 5A
10:5.5A
11:6A
Bit 1-0
BUCK1_ILMAX: BUCK4 max inductor current
00:4.5A
01: 5A
10:5.5A
11:6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com