Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 60 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 60 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 58Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 59Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
60
15.2.4.8
BUCK2_DVS_VSEL : BUCK2 DVS Mode Register
Address: 35H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
BUCK2_DVS_VSEL
Default
0
0
0
0
0
0
0
0
Description
Bit 7-6
Reserved
Bit 5-0
BUCK2_DVS_VSEL:
BUCK1
DVS
voltage
select,
0.7125V~1.5V ,step=12.5mV
000 000: 0.7125V
000 001: 0.725V
……
111 111: 1.5V
15.2.4.9
BUCK3_CONFIG_REG : BUCK3 Configuration Register
Address: 36H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
BUCK3_
PHASE
RESV
RESV
RESV
BUCK3_ILMIN
Default
0
0
0
0
0
0
0
1
Description
Bit 7
Reserved
Bit 6
BUCK3_PHASE,
0: Normal,
1: Inverted
Bit 5-3
Reserved
Bit 2-0
BUCK3_ILMIN: The minimum of inductor current
000: 50mA
001: 100mA(default);
010: 150mA
011: 200mA
100: 250mA
101: 300mA
110: 350mA
111: 400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com