Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 75 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 75 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 69Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 75 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
75
MOLD THICKNESS
A2
-
0.55
0.57
MATERIAL THICKNESS
A3
-
0.203REF
-
PACKAGE SIZE
D
-
7BSC
-
E
-
7BSC
-
EP SIZE
D1
5.39
5.49
5.59
E1
5.39
5.49
5.59
LEAD LENGTH
L
0.30
0.4
0.50
LEAD PITCH
e
0.35BSC
LEAD WIDTH
b
0.1
0.15
0.2
LEAD OSITION OFFSET
aaa
0.07
LEAD COPLANARITY
bbb
0.08
PACKAGE EDGE PROFILE
ccc
0.10
MOLD FLATNESS
ddd
0.10
EP POSITION OFFSET
eee
0.10
fff
0.05
Note:
1. Coplanarity applies to leads, corner leads and die attach pad.
2. Dimension b applies to metalized terminal and is measured between 0.15mm and
0.30mm from the terminal tip. If the terminal has the optional radius on the other end
of the terminal, the dimension b should not be measure in that radius area.
3. 0.15mm of dimension b is recommended in PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com