Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 71 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 71 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 69Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 75Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
71
15.2.5 INTERRUPT REGISTERS
15.2.5.1
INT_STS_REG1 : Interrupt Status Register #1
Address: 4CH
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RTC_PERI
OD_INT
(Write 1 Clr)
RTC_ALA
RM_INT
(Write 1 Clr)
HOTDI
E_INT
(Write 1
Clr)
PWRON
_LP_INT
(Write 1
Clr)
PWRO
N_INT
(Write 1
Clr)
VB_LO
_INT
(Write 1
Clr)
VOUT_L
O_INT
(Write 1
Clr)
Default
0
0
0
0
0
0
0
0
Description
Bit 7
Reserved
Bit 6
RTC_PERIOD_INT: RTC period event interrupt.
Bit 5
RTC_ALARM_INT: RTC alarm event interrupt.
Bit 4
HOTDIE_INT: Hot die event interrupt status.
Bit 3
PWRON_LP_INT: PWRON PIN long press event interrupt status.
Bit 2
PWRON_INT: PWRON event interrupt status.
Bit 1
VB_LO_INT: Battery under voltage alarm event interrupt status.
Bit 0
VOUT_LO_INT: VOUT under voltage alarm event interrupt status
Note:
1: Interrupt asserted, write "1" to clear
0: No interrupt
15.2.5.2
INT_MSK_REG1 : Interrupt Mask Register #1
Address: 4DH
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RTC_PE
RIOD_IM
RTC_AL
ARM_IM
HOTDIE_
IM
PWRON
_LP_IM
PWRON
_IM
VB_LO_I
M
VOUT_
LO_IM
Default
0
0
0
0
0
0
0
0
Description
Bit 7
Reserved
Bit 6
RTC_PERIOD_INT: RTC period event interrupt mask.
Bit 5
RTC_ALARM_INT: RTC alarm event interrupt mask.
Bit 4
HOTDIE_INT: Hot die event interrupt status mask.
Bit 3
PWRON_LP_INT: PWRON PIN long press event interrupt status mask.
Bit 2
PWRON_INT: PWRON event interrupt status mask.
Bit 1
VB_LO_INT: Battery under voltage alarm event interrupt status mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com