Electronic Components Datasheet Search
  English  ▼

X  

RK808 Datasheet(PDF) 49 Page - Rockchip Electronics Co., Ltd

Part # RK808
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808 Datasheet(HTML) 49 Page - Rockchip Electronics Co., Ltd

Back Button RK808 Datasheet HTML 45Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 46Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 47Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 48Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RK808 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
49
15.2.3 POWER CHANNEL CONTROL/MONITOR REGISTERS
15.2.3.1
DCDC_EN_REG : DC-DC Converter Enable Register
Address: 23H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
SWITC
H2_EN
SWITC
H1_EN
RESV
BUCK4
_EN
BUCK3
_EN
BUCK2
_EN
BUCK1
_EN
Default
Boot
Description
Bit 7
Reserved
Bit 6-5
SWITCH(n): SWITCH1 and SWITCH2 enable
1, Enable
0, Disable
The default value is set by boot.
Bit 4
Reserved
Bit 3-0
BUCK(n)_EN: BUCKn enable
1, Enable
0, Disable
The default value is set by boot.
15.2.3.2
LDO_EN_REG : LDO Enable Register
Address: 24H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
LDO8_
EN
LDO7_
EN
LDO6_
EN
LDO5_
EN
LDO4_
EN
LDO3_
EN
LDO2_
EN
LDO1_
EN
Default
Boot
Description
Bit 7-0
LDOn: LDO(n) enable
1, Enable
0, Disable
The default value is set by boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com